Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT36P03L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT36P03L-TN3-R
Description  -30V, -36A P-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT36P03L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT36P03L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT36P03L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT36P03L-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT36P03
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-775.a
-30V, -36A P-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UTT36P03 is a P-channel Power MOSFET, using
UTC’s advanced technology to provide the customers with high
switching speed and a minimum on-state resistance, and it can also
withstand high energy in the avalanche.
The UTC UTT36P03 is suitable for low voltage ,high speed
switching applications
FEATURES
* RDS(ON)<38mΩ @ VGS=-10V, ID=-36A
* High Switching Speed
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTT36P03L-TN3-R
UTT36P03G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UTT36P03L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT36N05 UTC-UTT36N05 Datasheet
176Kb / 6P
36A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
UTT36N05G-AA3-T UTC-UTT36N05G-AA3-T Datasheet
214Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
UTT36N05G-TA3-T UTC-UTT36N05G-TA3-T Datasheet
176Kb / 6P
36A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
UTT36N05G-TA3-T UTC-UTT36N05G-TA3-T Datasheet
214Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
UTT36N05L-TA3-T UTC-UTT36N05L-TA3-T Datasheet
176Kb / 6P
36A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
More results

Similar Description - UTT36P03L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Unisonic Technologies
UT70P03 UTC-UT70P03 Datasheet
297Kb / 5P
75A, 30V P-CHANNEL POWER MOSFET
UT4435 UTC-UT4435 Datasheet
184Kb / 5P
30V P-CHANNEL POWER MOSFET
UTT75P03 UTC-UTT75P03 Datasheet
136Kb / 3P
75A, 30V P-CHANNEL POWER MOSFET
UTT100P03 UTC-UTT100P03 Datasheet
131Kb / 3P
100A, 30V P-CHANNEL POWER MOSFET
UTT36N10 UTC-UTT36N10 Datasheet
218Kb / 5P
36A, 100V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM180P03CS TSC-TSM180P03CS Datasheet
280Kb / 5P
30V P-Channel Power MOSFET
TSM600P03CS TSC-TSM600P03CS Datasheet
275Kb / 5P
30V P-Channel Power MOSFET
TSM650P03CX TSC-TSM650P03CX Datasheet
500Kb / 5P
30V P-Channel Power MOSFET
logo
Leshan Radio Company
LP3419DT2AG LRC-LP3419DT2AG Datasheet
142Kb / 3P
30V P-Channel Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com