Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBA120P Datasheet(PDF) 3 Page - Clare, Inc.

Part # LBA120P
Description  DUAL POLE OptoMOS Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LBA120P Datasheet(HTML) 3 Page - Clare, Inc.

  LBA120P Datasheet HTML 1Page - Clare, Inc. LBA120P Datasheet HTML 2Page - Clare, Inc. LBA120P Datasheet HTML 3Page - Clare, Inc. LBA120P Datasheet HTML 4Page - Clare, Inc. LBA120P Datasheet HTML 5Page - Clare, Inc. LBA120P Datasheet HTML 6Page - Clare, Inc. LBA120P Datasheet HTML 7Page - Clare, Inc. LBA120P Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LBA120
www.clare.com
Rev. 5
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
3
LBA120
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C; IF = 5mADC)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
LBA120 - FormA
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC, IF=5mADC)
35
30
25
20
15
10
5
0
8.45
9.05
9.65
10.25
8.75
9.35
9.95
On-Resistance (
Ω)
LBA120 - FormB
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC, IF=5mADC)
30
25
20
15
10
5
0
9.25
11.05
12.85
14.65
10.15
11.95
13.75
On-Resistance (
Ω)
LBA120 - FormA
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
330
350
370
390
340
360
380
Blocking Voltage (V)
LBA120 - FormB
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
30
25
20
15
10
5
0
263
297
331
365
280
314
348
Blocking Voltage (V)
LBA120 - FormA
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC)
LED Current (mA)
25
20
15
10
5
0
0.3
0.7
1.1
0.1
0.5
0.9
1.3
LBA120 - FormB
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC)
30
25
20
15
10
5
0
0.24
0.32
0.48
0.64
0.40
LED Current (mA)
0.56
LBA120 - FormA
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC)
25
20
15
10
5
0
0.3
0.7
1.1
0.1
0.5
0.9
1.3
LED Current (mA)
LBA120 - FormB
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC)
25
20
15
10
5
0
0.24
0.40
0.56
0.16
0.32
0.48
0.64
LED Current (mA)
LBA120 - FormA
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
0.66
1.14
1.86
0.90
1.38
Turn-On (ms)
25
20
15
10
5
0
1.62
LBA120 - FormB
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
0.04
0.20
0.36
0.12
0.28
0.44
Turn-On (ms)
30
25
20
15
10
5
0
LBA120 - FormA
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
0.16
0.08
0.32
0.23
0.40
0.24
Turn-Off (ms)
25
20
15
10
5
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com