Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBA120P Datasheet(PDF) 5 Page - Clare, Inc.

Part # LBA120P
Description  DUAL POLE OptoMOS Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LBA120P Datasheet(HTML) 5 Page - Clare, Inc.

  LBA120P Datasheet HTML 1Page - Clare, Inc. LBA120P Datasheet HTML 2Page - Clare, Inc. LBA120P Datasheet HTML 3Page - Clare, Inc. LBA120P Datasheet HTML 4Page - Clare, Inc. LBA120P Datasheet HTML 5Page - Clare, Inc. LBA120P Datasheet HTML 6Page - Clare, Inc. LBA120P Datasheet HTML 7Page - Clare, Inc. LBA120P Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LBA120
www.clare.com
5
Rev. 5
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
LBA120 - FormB
Typical Turn-On vs. LED Forward Current
(Load Current = 170mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.8
0.6
0.4
0.2
0
50
LBA120 - FormA
Typical Turn-Off vs. LED Forward Current
(Load Current = 170mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.42
0.41
0.40
0.39
0.38
0.37
0.36
50
LBA120 - FormB
Typical Turn-Off vs. LED Forward Current
(Load Current = 170mADC)
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
50
LBA120 - FormA
Typical On-Resistance vs. Temperature
(Load Current = 170mADC; IF = 5mADC)
Temperature (
°C)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
LBA120 - FormB
Typical On-Resistance vs. Temperature
(Load Current = 170mADC; IF = 5mADC)
Temperature (
°C)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
LBA120 - FormA
Typical IF for Switch Operation vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
LBA120 - FormB
Typical IF for Switch Operation vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
LBA120 - FormA
Typical IF for Switch Dropout vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
LBA120 - FormB
Typical IF for Switch Dropout vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
LBA120 - FormA
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C; IF = 5mADC)
Load Voltage (V)
200
150
100
50
0
-50
-100
-150
-200
-2.5
-1.5
-0.5
-1.0
-2.0
0
0.5 1.0 1.5 2.0 2.5
LBA120 - FormB
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C; IF = 5mADC)
Load Voltage (V)
200
150
100
50
0
-50
-100
-150
-200
-2.5
-1.5
-0.5
-1.0
-2.0
0
0.5 1.0 1.5 2.0 2.5
LBA120
Energy Rating Curve
Time
10
µs
1.2
1.0
0.8
0.6
0.4
0.2
0
1ms
100
µs
100ms
1s
10ms
10s
100s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com