Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT120N04L-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT120N04L-TQ2-R
Description  120A, 40V N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT120N04L-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT120N04L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UTT120N04L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UTT120N04L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT120N04
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-793.b
120A, 40V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UTT120N04 is an N-channel enhancement mode
Power FET, it uses UTC’s advanced technology to provide
customers a minimum on-state resistance and high switching speed.
FEATURES
* RDS(ON)< 3.8mΩ @ VGS=10V, ID=60A
* High switching speed
* Improved dv/dt capability
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTT120N04L-TA3-T
UTT120N04G-TA3-T
TO-220
G
D
S
Tube
UTT120N04L-TQ2-T
UTT120N04G-TQ2-T
TO-263
G
D
S
Tube
UTT120N04L-TQ2-R
UTT120N04G-TQ2-R
TO-263
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UTT120N04L-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT120N04M UTC-UTT120N04M Datasheet
265Kb / 6P
120A, 40V N-CHANNEL POWER
More results

Similar Description - UTT120N04L-TQ2-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET™ II POWER MOSFET
Feb-2002
STB190NF04 STMICROELECTRONICS-STB190NF04 Datasheet
173Kb / 9P
N-CHANNEL 40V - 3.9 mW - 120A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET
February 2004
STP120NF04 STMICROELECTRONICS-STP120NF04 Datasheet
296Kb / 11P
N-CHANNEL 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
15-Feb-2005
STB100NF04 STMICROELECTRONICS-STB100NF04_07 Datasheet
394Kb / 17P
N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
20-Feb-2007
STB190NF04 STMICROELECTRONICS-STB190NF04_06 Datasheet
510Kb / 16P
N-channel 40V - 0.0039ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
09-Aug-2006
STP120NF04 STMICROELECTRONICS-STP120NF04_06 Datasheet
303Kb / 14P
N-channel 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
02-Oct-2006
STP200N4F3 STMICROELECTRONICS-STP200N4F3 Datasheet
319Kb / 14P
N-channel 40V - 0.0035Ω - 120A - D2PAK - TO-220 planar STripFET™Power MOSFET
02-Oct-2007
logo
Unisonic Technologies
UT120N03 UTC-UT120N03 Datasheet
196Kb / 6P
120A, 30V N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDP1723 MGCHIP-MDP1723 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 40V, 120A, 2.3m(ohm)
logo
First Silicon Co., Ltd
S-LN7404DT3WG FS-S-LN7404DT3WG Datasheet
556Kb / 6P
40V N Channel Power MOSFET
2017. 05. 10 Revision No : 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com