Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z00607 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # Z00607
Description  0.8A TRIACS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

Z00607 Datasheet(HTML) 2 Page - Unisonic Technologies

  Z00607 Datasheet HTML 1Page - Unisonic Technologies Z00607 Datasheet HTML 2Page - Unisonic Technologies Z00607 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Z00607
Preliminary
TRIAC
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R401-025.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Repetitive Peak Off-State Voltage
VDRM
600
V
RMS On-State Current (Full Sine Wave) TMB=50°C
IT(RMS)
0.8
A
Non Repetitive Surge Peak
On-State Current (Full Cycle,
TJ initial=25°C)
F=50Hz
t=20ms
ITSM
9
A
F=60Hz
t=16.7ms
9.5
I
2t Value for Fusing
tP=10ms
I
2
t
0.45
A
2s
Critical Rate of Rise of
On-State Current IG=2×IGT,
tr≤100ns
F=120Hz
TJ=110°C
dl/dt
20
A/µs
Peak Gate Current
tP=20µs
TJ=110°C
IGM
1
A
Average Gate Power Dissipation
TJ=110°C
PG(AV)
0.1
W
Operating Junction Temperature Range
TJ
-40~+110
°C
Storage Junction Temperature Range
TSTG
-40~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Lead (AC)
θJLEAD
60
°C/W
Junction to Ambient
θJA
150
°C/W
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Gate Trigger Current (Note 1)
IGT
VD=12V, RL=30Ω
I-II-III
5
mA
IV
7
Gate Trigger Voltage
VGT
ALL
1.3
V
Gate Non-Trigger Voltage
VGD
VD=VDRM, RL=3.3KΩ,
TJ=110°C
ALL
0.2
V
Holding Current (Note 2)
IH
IT=200mA
5
mA
Latching Current
IL
IG=1.2IGT
I-III-IV
10
mA
II
20
Critical Rate of Rise of Off-State
Voltage (Note 2)
dV/dt
VD=67%VDRM, Gate Open,
TJ=110°C
10
V/µs
Critical Rate of Rise of Off-State
Voltage at Commutation (Note 2)
(dV/dt)c
(dV/dt)c=0.35A/ms, TJ=110°C
1.5
V/µs
Peak On-State Voltage (Note 2)
VTM
ITM=1.1A, tp=380μs
TJ=25°C
1.5
V
Threshold Voltage (Note 2)
VTO
TJ=110°C
0.95
V
Dynamic Resistance (Note 2)
RD
TJ=110°C
420
mΩ
Repetitive Peak Off-State Current
IDRM
VDRM=VRRM=600V
TJ=25°C
5
μA
IRRM
TJ=110°C
0.1
mA
Notes: 1. Minimum IGT is guaranteed at 5% of IGT max.
2. For both polarities of MT2 referenced to MT1.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com