Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z00607 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # Z00607
Description  0.8A TRIACS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

Z00607 Datasheet(HTML) 1 Page - Unisonic Technologies

  Z00607 Datasheet HTML 1Page - Unisonic Technologies Z00607 Datasheet HTML 2Page - Unisonic Technologies Z00607 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
Z00607
Preliminary
TRIAC
www.unisonic.com.tw
1 of 3
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R401-025.a
0.8A TRIACS
DESCRIPTION
The UTC Z00607 is a 0.8A triacs, it uses UTC’s advanced
technology to provide customers with low gate trigger current.
The UTC Z00607 is suitable for low power AC switching
applications and driving microcontrollers.
SYMBOL
MT1
G
MT2
TO-92
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
Z00607L-T92-B
Z00607G-T92-B
TO-92
MT1
GATE
MT2
Tape Box
Z00607L-T92-K
Z00607G-T92-K
TO-92
MT1
GATE
MT2
Bulk
Z00607G-T92-B
(1)Packing Type
(2)Package Type
(3)Halogen Free
(1) B: Tape Box, K: Bulk
(2) T92: TO-92
(3) G: Halogen Free, L: Lead Free


Similar Part No. - Z00607

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
Standard 0.8 A Triacs
12-Apr-2007
logo
JIEJIE MICROELECTRONICS...
Z00607 JIEJIE-Z00607 Datasheet
353Kb / 4P
0.8A TRIACs
logo
Kersemi Electronic Co.,...
Z00607DA KERSEMI-Z00607DA Datasheet
388Kb / 4P
SENSITIVE GATE TRIACS
Z00607DA1BA2 KERSEMI-Z00607DA1BA2 Datasheet
388Kb / 4P
SENSITIVE GATE TRIACS
logo
Unisonic Technologies
Z00607G-T92-B UTC-Z00607G-T92-B Datasheet
127Kb / 3P
0.8A TRIAC
More results

Similar Description - Z00607

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0130AA STMICROELECTRONICS-P0130AA Datasheet
103Kb / 5P
0.8A SCRs
May-2002
Z00607MA STMICROELECTRONICS-Z00607MA Datasheet
56Kb / 6P
0.8A TRIAC
13-Sep-2005
logo
Teccor Electronics
L4004L8 TECCOR-L4004L8 Datasheet
168Kb / 8P
Sensitive Triacs (0.8A to 8A)
logo
GTM CORPORATION
GMAC97A6 GTM-GMAC97A6 Datasheet
283Kb / 4P
SENSITIVE GATE TRIACS SILICON BIDIRECTIONAL THYRISTORS 0.8A ,400V
logo
JIEJIE MICROELECTRONICS...
Z00607 JIEJIE-Z00607 Datasheet
353Kb / 4P
0.8A TRIACs
logo
Shindengen Electric Mfg...
D1FK70-5063 SHINDENGEN-D1FK70-5063 Datasheet
475Kb / 3P
700V 0.8A
logo
New Jersey Semi-Conduct...
X00602MA NJSEMI-X00602MA Datasheet
71Kb / 2P
0.8A SCRs
logo
Kersemi Electronic Co.,...
P0102DA KERSEMI-P0102DA Datasheet
487Kb / 6P
0.8A SCRs
P0130AA KERSEMI-P0130AA Datasheet
435Kb / 5P
0.8A SCRs
logo
JIEJIE MICROELECTRONICS...
JST130 JIEJIE-JST130 Datasheet
349Kb / 5P
0.8A TRIACs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com