Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBA127STR Datasheet(PDF) 2 Page - Clare, Inc.

Part # LBA127STR
Description  DUAL POLE OptoMOS Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LBA127STR Datasheet(HTML) 2 Page - Clare, Inc.

  LBA127STR Datasheet HTML 1Page - Clare, Inc. LBA127STR Datasheet HTML 2Page - Clare, Inc. LBA127STR Datasheet HTML 3Page - Clare, Inc. LBA127STR Datasheet HTML 4Page - Clare, Inc. LBA127STR Datasheet HTML 5Page - Clare, Inc. LBA127STR Datasheet HTML 6Page - Clare, Inc. LBA127STR Datasheet HTML 7Page - Clare, Inc. LBA127STR Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.clare.com
LBA127
Rev. 8
Absolute Maximum Ratings are stress ratings. Stresses
in excess of these ratings can cause permanent damage
to the device. Functional operation of the device at these
or any other conditions beyond those indicated in the
operational sections of this data sheet is not implied.
Exposure of the device to the absolute maximum ratings
for an extended period may degrade the device and effect
its reliability.
Absolute Maximum Ratings (@ 25˚ C)
2
Parameter
Min
Typ
Max Units
Input Power Dissipation
-
-
1501
mW
Input Control Current
-
-
50
mA
Peak (10ms)
-
-
1
A
Reverse Input Voltage
-
-
5
V
Total Power Dissipation
-
-
8002
mW
Isolation Voltage
Input to Output
3750
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
DIP Package
-
-
+260
°C
Flatpack/Surface Mount
Package
-
-
+220
°C
(10 Seconds Max.)
1 Derate Linearly 1.33 mw/˚C
2 Derate Linearly 6.67 mw/˚C
Electrical Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Voltage (Peak)
-
V
L
-
-
250
V
Load Current (Continuous)
AC/DC Configuration
-
I
L
-
-
200
mA
Peak Load Current
10ms
I
LPK
-
-
400
mA
On-Resistance
AC/DC Configuration
I
L=Load Current
R
ON
-8
10
Ω
Off-State Leakage Current
V
L=250V
I
LEAK
--1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
--5
ms
Turn-Off
I
F=5mA, VL=10V
T
OFF
--5
ms
Output Capacitance
50V; f=1MHz
C
OUT
-
110
-
pF
Input Characteristics @ 25°C
Input Control Current
I
L=Load Current
I
F
5-
50
mA
Input Dropout Current
-
I
F
0.4
0.7
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
--5
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Input to Output Capacitance
-
C
I/O
-3
-
pF
Input to Output Isolation
-
V
I/O
3750
-
-
V
RMS
*NOTE: If both poles operate simultaneously load current must be derated so as not to exceed the package power dissipation value.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com