Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBA127STR Datasheet(PDF) 3 Page - Clare, Inc.

Part # LBA127STR
Description  DUAL POLE OptoMOS Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LBA127STR Datasheet(HTML) 3 Page - Clare, Inc.

  LBA127STR Datasheet HTML 1Page - Clare, Inc. LBA127STR Datasheet HTML 2Page - Clare, Inc. LBA127STR Datasheet HTML 3Page - Clare, Inc. LBA127STR Datasheet HTML 4Page - Clare, Inc. LBA127STR Datasheet HTML 5Page - Clare, Inc. LBA127STR Datasheet HTML 6Page - Clare, Inc. LBA127STR Datasheet HTML 7Page - Clare, Inc. LBA127STR Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LBA127
www.clare.com
Rev. 8
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
3
LBA127
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C; IF = 5mADC)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
LBA127 - FormA
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC, IF=5mADC)
35
30
25
20
15
10
5
0
5.75
6.75
7.75
8.75
6.25
7.25
8.25
On-Resistance (
Ω)
LBA127 - FormB
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC, IF=5mADC)
30
25
20
15
10
5
0
4.05
4.65
5.25
5.85
4.35
4.95
5.55
On-Resistance (
Ω)
LBA127 - FormA
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
258
274
290
306
266
282
298
Blocking Voltage (V)
LBA127 - FormB
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
30
25
20
15
10
5
0
305
319
333
347
312
326
340
Blocking Voltage (V)
LBA127 - FormA
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC)
0.65
1.17
1.69
0.91
1.43
1.95
LED Current (mA)
25
20
15
10
5
0
LBA127 - FormB
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC)
30
25
20
15
10
5
0
0.75
1.05
1.65
2.25
1.35
LED Current (mA)
1.95
LBA127 - FormA
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC)
25
20
15
10
5
0
0.9
1.3
1.7
0.7
1.1
1.5
1.9
LED Current (mA)
LBA127 - FormB
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC)
25
20
15
10
5
0
0.75
1.35
1.95
0.45
1.05
1.65
2.25
LBA127 - FormA
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
0.3
0.7
1.3
0.5
0.9
Turn-On (ms)
25
20
15
10
5
0
1.1
LBA127 - FormB
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
0.03
0.07
0.11
0.05
0.09
0.13
Turn-On (ms)
30
25
20
15
10
5
0
LBA127 - FormA
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
0.15
0.05
0.35
0.55
0.45
0.25
Turn-Off (ms)
25
20
15
10
5
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com