Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS108 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ACS108
Description  Overvoltage protected AC switch (ACS??
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ACS108 Datasheet HTML 5Page - STMicroelectronics ACS108 Datasheet HTML 6Page - STMicroelectronics ACS108 Datasheet HTML 7Page - STMicroelectronics ACS108 Datasheet HTML 8Page - STMicroelectronics ACS108 Datasheet HTML 9Page - STMicroelectronics ACS108 Datasheet HTML 10Page - STMicroelectronics ACS108 Datasheet HTML 11Page - STMicroelectronics ACS108 Datasheet HTML 12Page - STMicroelectronics ACS108 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DocID6518 Rev 5
11/13
ACS108
Ordering information
13
4
Ordering information
Figure 23. Ordering information scheme
Table 8. Ordering information
Order code
Marking
Package
Weight
Base Qty
Delivery mode
ACS108-6SA
ACS1 086SA
TO-92
0.2 g
2500
Bulk
ACS108-6SA-TR
TO-92
0.2 g
2000
Tape and reel
ACS108-6SA-AP
TO-92
0.2 g
2000
Ammopack
ACS108-6SN-TR
ACS 108 6SN
SOT-223
0.11 g
1000
Tape and reel
ACS108-8SA
ACS1 088SA
TO-92
0.2 g
2500
Bulk
ACS108-8SA-TR
TO-92
0.2 g
2000
Tape and reel
ACS108-8SA-AP
TO-92
0.2 g
2000
Ammopack
ACS108-8SN-TR
ACS 108 8SN
SOT-223
0.11 g
1000
Tape and reel
ACS
1
08 - 6
S
A -TR
AC switch series
Number of switches
Current
Voltage
Sensitivity
Package
Packing
08 = 0.8 A rms
6 = 600 V
8 = 800 V
S = 10 mA
A = TO-92
N = SOT-223
TR = Tape and reel 7” (SOT-223, 1000 pieces) 13” (TO-92, 2000 pieces)
AP = Ammopack (TO-92, 2000 pieces)
Blank =
(TO-92, 2500 pieces)
bulk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com