Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS108 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ACS108
Description  Overvoltage protected AC switch (ACS??
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108 Datasheet(HTML) 5 Page - STMicroelectronics

  ACS108 Datasheet HTML 1Page - STMicroelectronics ACS108 Datasheet HTML 2Page - STMicroelectronics ACS108 Datasheet HTML 3Page - STMicroelectronics ACS108 Datasheet HTML 4Page - STMicroelectronics ACS108 Datasheet HTML 5Page - STMicroelectronics ACS108 Datasheet HTML 6Page - STMicroelectronics ACS108 Datasheet HTML 7Page - STMicroelectronics ACS108 Datasheet HTML 8Page - STMicroelectronics ACS108 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID6518 Rev 5
5/13
ACS108
Characteristics
13
Figure 10. On-state characteristics (maximum
values)
Figure 11. Relative variation of critical rate of
decrease of main current versus junction
temperature
ITM(A)
0.10
1.00
10.00
100.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Tj max.:
Vto= 0.85 V
Rd= 300 m
Ω
Tj=25 °C
Tj=125 °C
VTM(V)
(dI/dt) [T ] / (dI/dt) [T =125 °C]
cc
jj
0.0
0.5
1.0
1.5
2.0
2.5
25
35
45
55
65
75
85
95
105
115
125
T (°C)
j
Figure 12. Relative variation of static dV/dt
immunity versus junction temperature(1)
Figure 13. Relative variation of leakage current
versus junction temperature
1.
VD = VR = 402 V: Typical values above 5 kV/µs. Beyond equipment capability
dV/dt [Tj]/ dV/dt[T j=125°C]
0
1
2
3
4
5
25
50
75
100
125
VD=VR=536V
Tj(°C)
1.0E-03
1.0E-02
1.0E-01
1.0E+00
25
50
75
100
125
IDRM/IRRM [Tj;V DRM/VRRM]/IDRM/IRRM [Tj=125°C;800 V]
VDRM=VRRM=600 V
VDRM=VRRM=800 V
Tj(°C)
Figure 14. Relative variation of critical rate of
decrease of main current (di/dt)c versus
(dV/dt)c
Figure 15. Thermal resistance junction to
ambient versus copper surface under tab
(SOT-223)
(dI/dt)
c [(dV/dt) c ] / Specified (dI/dt)c
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.1
1.0
10.0
100.0
Tj =125 °C
(dV/dt)c (V/µs)
Rth(j-a)(°C/W)
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SOT-223
SCU(cm²)
Printed circuit board FR4
copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com