Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT45R Datasheet(PDF) 6 Page - TDK Electronics

Part # ACT45R
Description  Common Mode Filters For automobile signal line ACT series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACT45R Datasheet(HTML) 6 Page - TDK Electronics

Back Button ACT45R Datasheet HTML 2Page - TDK Electronics ACT45R Datasheet HTML 3Page - TDK Electronics ACT45R Datasheet HTML 4Page - TDK Electronics ACT45R Datasheet HTML 5Page - TDK Electronics ACT45R Datasheet HTML 6Page - TDK Electronics ACT45R Datasheet HTML 7Page - TDK Electronics ACT45R Datasheet HTML 8Page - TDK Electronics ACT45R Datasheet HTML 9Page - TDK Electronics ACT45R Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
(6/11)
001-01 / 20131106 / e9711_act.fm
• All specifications are subject to change without notice.
EMC Components
ACT series 
ACT45B Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
○ Measurement equipment
* Equivalent measurement equipment may be used.
IMPEDANCE VS. FREQUENCY CHARACTERISTICS
○ Measurement equipment
* Equivalent measurement equipment may be used.
Common mode
impedance
(
:) [10MHz]
Common mode
inductance(μH)
+50/–30%
[100kHz]
Stray
inductance
(μH)typ.
[100kHz]
DC resistance
(
:)max.
Rated current
(A)max.
Insulation
resistance
(M
:)min.
Rated voltage
(V)max.
Part No.
min.
typ.
300
600
11
0.05
0.6
0.25
10
50
ACT45B-110-2PTL
□□□
500
1200
22
0.08
1.0
0.2
10
50
ACT45B-220-2PTL
□□□
1000
2800
51
0.15
1.0
0.2
10
50
ACT45B-510-2PTL
□□□
2000
5800
100
0.20
2.0
0.15
10
50
ACT45B-101-2PTL
□□□
Measurement item
Product No.
Manufacturer
Common mode impedance
4991A
Agilent Technologies
Common mode inductance
4294A
Agilent Technologies
DC resistance
4338A
Agilent Technologies
Insulation resistance
4339A
Agilent Technologies
Product No.
Manufacturer
4991A
Agilent Technologies
1
10
100
1000
100000
10000
1000
10
100
Frequency (MHz)
110 Common mode
101 Common mode
220 Common mode
510 Common mode
220 Differential mode
510 Differential mode
110 Differential mode
101 Differential mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com