Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT45R Datasheet(PDF) 10 Page - TDK Electronics

Part # ACT45R
Description  Common Mode Filters For automobile signal line ACT series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACT45R Datasheet(HTML) 10 Page - TDK Electronics

Back Button ACT45R Datasheet HTML 3Page - TDK Electronics ACT45R Datasheet HTML 4Page - TDK Electronics ACT45R Datasheet HTML 5Page - TDK Electronics ACT45R Datasheet HTML 6Page - TDK Electronics ACT45R Datasheet HTML 7Page - TDK Electronics ACT45R Datasheet HTML 8Page - TDK Electronics ACT45R Datasheet HTML 9Page - TDK Electronics ACT45R Datasheet HTML 10Page - TDK Electronics ACT45R Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
(10/11)
001-01 / 20131106 / e9711_act.fm
• All specifications are subject to change without notice.
EMC Components
ACT series 
ACT45L Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
○ Measurement equipment
* Equivalent measurement equipment may be used.
IMPEDANCE VS. FREQUENCY CHARACTERISTICS
○ Measurement equipment
* Equivalent measurement equipment may be used.
Common mode
inductance
(μH)typ.
[100kHz]
DC resistance
(
:)max.
Rated current
(mA)max.
Insulation
resistance
(M
:)min.
Rated voltage
(V)max.
Part No.
200
4.5
100
10
50
ACT45L-201-2P-TL000
Measurement item
Product No.
Manufacturer
Common mode inductance
4294A
Agilent Technologies
DC resistance
4338A
Agilent Technologies
Insulation resistance
4339A
Agilent Technologies
Product No.
Manufacturer
4294A
Agilent Technologies
1
10
100
1000
100000
10000
1000
1
10
100
Frequency (MHz)
201 Common mode
201 Differential mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com