Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTP10/600 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BTP10/600
Description  10A TRIACS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTP10/600 Datasheet(HTML) 2 Page - Unisonic Technologies

  BTP10/600 Datasheet HTML 1Page - Unisonic Technologies BTP10/600 Datasheet HTML 2Page - Unisonic Technologies BTP10/600 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BTB10
Preliminary
TRIACS
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R401-042.b
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
RMS On-State Current (Full Sine Wave) TC=95°C
IT(RMS)
10
A
Non Repetitive Surge Peak On-State
Current (Full Cycle TJ initial=25°C)
F=50Hz
t=20ms
ITSM
100
A
F=60Hz
t=16.7ms
105
A
I
2t Value for Fusing
tP=10ms
I
2t
55
A
2s
Critical Rate of Rise of On-State Current:
IG=2xIGT, tr≤100ns
F=120Hz TJ=125°C
dI/dt
50
A/µs
Non Repetitive Surge Peak Off-State
Voltage
tP=10ms TJ=25°C
VDSM/VRSM
VDSM/VRSM+100
V
Peak Gate Current
tP=20µs
TJ=125°C
IGM
4
A
Average Gate Power Dissipation
TJ=125°C
PG(AV)
1
W
Operating Junction Temperature
TJ
-40~+125
°C
Storage Junction Temperature
TSTG
-40~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCES
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
60
°C/W
Junction to Case (AC)
θJC
1.5
°C/W
ELECTRICAL CHARACTERISTICS (TJ= 25°C, unless otherwise specified)
FOR STANDARD (4 QUADRANTS)
PARAMETER
SYMBOL
TEST CONDITIONS
C
B
UNIT
MIN TYP MAX MIN TYP MAX
Gate Trigger Current
(Note 1)
IGT
VD=12V,
RL=33Ω
I-II-III
25
50
mA
IV
50
100
mA
Gate Trigger Voltage
VGT
ALL
1.3
1.3
V
Gate Non-Trigger Voltage
VGD
VD=VDRM,
RL=3.3kΩ,
TJ=125°C
ALL
0.2
0.2
V
Holding Current (Note 2)
IH
IT=500mA
25
50
mA
Latching Current
IL
IG=1.2IGT
I-III-IV
40
50
mA
II
80
100
mA
Critical Rate of Rise of
Off-State Voltage (Note 2)
dV/dt
VD=67%VDRM, Gate Open,
TJ=125°C
200
400
V/µs
Critical Rate of Rise of
Off-State Voltage at
Commutation (Note 2)
(dV/dt)c
(dI/dt)c=4.4A/ms, TJ= 125°C
5
10
V/µs
STATIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Peak On-State Voltage (Note 2)
VT
ITM=14A, tP=380μsTJ=25°C
1.55
V
Threshold Voltage (Note 2)
VTO
TJ=125°C
0.85
V
Dynamic Resistance (Note 2)
RD
TJ=125°C
40
mΩ
Repetitive Peak Off-State Current
IDRM
VDRM=VRRM
TJ=25°C
5
μA
IRRM
TJ=125°C
1
mA
Note: 1. Minimum IGT is guaranteed at 5% of IGT max.
2. For both polarities of MT2 referenced to MT1.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com