Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTP10/600 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BTP10/600
Description  10A TRIACS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTP10/600 Datasheet(HTML) 1 Page - Unisonic Technologies

  BTP10/600 Datasheet HTML 1Page - Unisonic Technologies BTP10/600 Datasheet HTML 2Page - Unisonic Technologies BTP10/600 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BTB10
Preliminary
TRIAC
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R401-042.b
10A TRIACS
DESCRIPTION
The UTC BTB10 is a 10A triacs which can be operated in 4
quadrants, it uses UTC’s advanced technology to provide
customers with high commutation performances and voltage
insulated tab, etc.
The UTC BTB10 is suitable for AC switching application and
phase control application such as fan speed and temperature
modulation control, lighting control and static switching relay, either
in through-hole or surface-mount packages.
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
BTB10L-x-x-TA3-T
BTB10G-x-x-TA3-T
TO-220
MT1 MT2
G
Tube
BTB10L-x-x-TA3-T
(1)Packing Type
(2)Package Type
(3)Sensitivity and type
(4)Voltage
(5)Lead Free
(1) T: Tube
(2) TA3: TO-220
(3) refer to SENSITIVITY AND TYPE
(4) 6: 600V, 8: 800V
(5) L: Lead Free, G: Halogen Free
SENSITIVITY AND TYPE
PART NUMBER
VOLTAGE
SENSITIVITY
TYPE
600V
800V
B
◎
◎
50mA
STANDARD
C
◎
◎
25mA
STANDARD
◎
: Available
MARKING INFORMATION
PACKAGE
MARKING
TO-220


Similar Part No. - BTP10/600

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
General Purpose PNP Epitaxial Planar Transistor
BTP1955L3 CYSTEKEC-BTP1955L3 Datasheet
264Kb / 6P
PNP Epitaxial Planar High Current (High Performance) Transistor
More results

Similar Description - BTP10/600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
Triacs
August 1997 Rev 1.200
logo
STMicroelectronics
BTA10 STMICROELECTRONICS-BTA10 Datasheet
74Kb / 7P
10A TRIACS
13-Feb-2006
logo
Nell Semiconductor Co.,...
10TT06A-BW NELLSEMI-10TT06A-BW Datasheet
300Kb / 6P
TRIACs, 10A Snubberless and Standard
logo
Unisonic Technologies
BTB10A UTC-BTB10A Datasheet
166Kb / 3P
10A TRIACS
BTA10 UTC-BTA10 Datasheet
164Kb / 3P
10A TRIACS
BTA10A UTC-BTA10A Datasheet
166Kb / 3P
10A TRIACS
BTB10 UTC-BTB10_15 Datasheet
163Kb / 3P
10A TRIACS
BTB10A UTC-BTB10A_15 Datasheet
166Kb / 3P
10A TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
logo
SiPower Inc.
BTA10 SIPOWER-BTA10 Datasheet
863Kb / 6P
10A Triacs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com