Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS0203L-6-AA3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # FS0203L-6-AA3-R
Description  SURFACE MOUNT SCR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

FS0203L-6-AA3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  FS0203L-6-AA3-R Datasheet HTML 1Page - Unisonic Technologies FS0203L-6-AA3-R Datasheet HTML 2Page - Unisonic Technologies FS0203L-6-AA3-R Datasheet HTML 3Page - Unisonic Technologies FS0203L-6-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FS0203
SCR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R301-020. C
TYPICAL CHARACTERISTICS
Latching Current vs. Temperature
Temperature (°C)
0
0.2
0.6
0.8
1.2
1.6
35
55
95
75
115
135
Repetitive Peak Off State Voltage vs.
Temperature
Temperature (°C)
0
200
600
800
1200
35
55
95
75
115
135
400
1000
0.4
1
1.4
Repetitive Peak Off State
Voltage vs. Temperature
Temperature (°C)
-1200
-1000
-800
-600
0
35
55
95
75
115
135
Off-State Leakage Current vs.
Temperature
Temperature (°C)
0
20
60
80
120
35
55
95
75
115
135
40
100
-400
-200
IDRM=900V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com