Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS0203L-6-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # FS0203L-6-AA3-R
Description  SURFACE MOUNT SCR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

FS0203L-6-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  FS0203L-6-AA3-R Datasheet HTML 1Page - Unisonic Technologies FS0203L-6-AA3-R Datasheet HTML 2Page - Unisonic Technologies FS0203L-6-AA3-R Datasheet HTML 3Page - Unisonic Technologies FS0203L-6-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
FS0203
SCR
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R301-020. C
SURFACE MOUNT SCR
DESCRIPTION
The UTC FS0203 is a surface mount SCR, it uses UTC’s
advanced technology to provide customers with high gate sensitivity,
etc.
FEATURES
* High gate sensitivity
SOT-223
1
ORDERING INFORMATION
Ordering Number
Package
Pin assignment
Packing
Lead Free Plating
Halogen Free
1
2
3
FS0203L-x-AA3-R
FS0203G-x-AA3-R
SOT-223
K
A
G
Tape Reel
MARKING
FS0203
Data Code
VDRM, VRRM
L: Lead Free
G: Halogen Free


Similar Part No. - FS0203L-6-AA3-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS0203B ETC1-FS0203B Datasheet
123Kb / 4P
SURFACE MOUNT SCR
FS0203BN00RB ETC1-FS0203BN00RB Datasheet
123Kb / 4P
SURFACE MOUNT SCR
FS0203D ETC1-FS0203D Datasheet
123Kb / 4P
SURFACE MOUNT SCR
FS0203DN00RB ETC1-FS0203DN00RB Datasheet
123Kb / 4P
SURFACE MOUNT SCR
FS0203M ETC1-FS0203M Datasheet
123Kb / 4P
SURFACE MOUNT SCR
More results

Similar Description - FS0203L-6-AA3-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS04D ETC-FS04D Datasheet
164Kb / 5P
SURFACE MOUNT SCR
FS0802 ETC-FS0802 Datasheet
136Kb / 4P
SURFACE MOUNT SCR
FS02 ETC1-FS02 Datasheet
123Kb / 4P
SURFACE MOUNT SCR
logo
Vishay Siliconix
VS-25TTS08SPBF VISHAY-VS-25TTS08SPBF_15 Datasheet
181Kb / 8P
Thyristor, Surface Mount, Phase Control SCR
25-Jul-13
VS-16TTS16SPBF VISHAY-VS-16TTS16SPBF Datasheet
161Kb / 8P
Thyristor Surface Mount Phase Control SCR
19-Jun-13
logo
Central Semiconductor C...
CS89M CENTRAL-CS89M Datasheet
290Kb / 2P
SURFACE MOUNT 0.8 AMP SILICON SCR
CS223M CENTRAL-CS223M Datasheet
370Kb / 2P
SURFACE MOUNT 0.8 AMP SILICON SCR
logo
Vishay Siliconix
VS-12TTS08SLHM3 VISHAY-VS-12TTS08SLHM3 Datasheet
192Kb / 8P
Thyristor Surface Mount, Phase Control SCR, 8 A
22-Feb-18
VS-25TTS12SLHM3 VISHAY-VS-25TTS12SLHM3 Datasheet
199Kb / 8P
Thyristor, Surface Mount, Phase Control SCR, 16 A
22-Feb-18
VS-25TTS16SLHM3 VISHAY-VS-25TTS16SLHM3 Datasheet
150Kb / 6P
Thyristor Surface Mount, Phase Control SCR
22-Feb-18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com