Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN2 Datasheet(PDF) 1 Page - Clare, Inc.

Part # MN2
Description  Mini-Dyad
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

MN2 Datasheet(HTML) 1 Page - Clare, Inc.

  MN2 Datasheet HTML 1Page - Clare, Inc. MN2 Datasheet HTML 2Page - Clare, Inc. MN2 Datasheet HTML 3Page - Clare, Inc. MN2 Datasheet HTML 4Page - Clare, Inc. MN2 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.clare.com
Mini-Dyad™
Clare’s Mini-DYAD™ dry reed switches are ideally suited
for small switching signal applications. This switch has
sputtered ruthenium contacts and an extraordinary seal
strength, achieved by a patented laser sealing of the glass.
In low level or dry switching environments, both switches
typically provide >1 billion operations. The switches have
hermetically sealed contacts and offer a wide range of
available magnetic sensitivities.
Features
Description
• Small size
• SMT-compatible
• Easily formed leads
• Sputtered ruthenium contacts
• Hermetically sealed contacts
• Fast switching speed — up to 500Hz
• Wide range of available magnetic sensitivities
Applications
Approvals
• Security
• Proximity sensing
• Smoke alarms
• Automotive
• Level sensor
• Lamp current sensor
• Relays
• UL listed
Ordering Information
A complete part number is represented by the digits to the right. For example, MN2S1030 is a
MINI-DYAD™ with a minimum operate value of 10 and a maximum of 30. Refer to the switch
operating specification charts for available ranges. Special ranges are available upon request.
Surface Mount Mini-Dyad
Refer to operating characteristics table for complete part number.
Maximum Operate Value (NI)
Minimum Operate Value (NI)
MN2S
XX XX
XX
Packaging
X
Lead Configuration
Part #
Operate Range (NI)1
MN2S1015
10 to 15
MN2S1020
10 to 20
MN2S1030
10 to 30
MN2S1520
15 to 20
MN2S1525
15 to 25
MN2S2025
20 to 25
Mini-DYADTM
Part #
Operate Range (NI)1,2,3
MN2308
10 to 15
MN2288
10 to 20
MN2339
10 to 30
MN2285
15 to 20
MN2289
15 to 25
MN2286
20 to 25
1 Tolerance =
± 1.5NI
2 Full Blade Sensitivity
3 Surface Mount Switches are packaged 2,000 parts per reel
Mini-DYADTM Surface Mount
Standard Test Coil
The magnetic force (expressed in NI, AT or Ampere Turns) required to cause the reed switch contacts to
close is called the pull-in or operate value.
(1) Consult factory for test procedure.
The reed switch shall be placed in the test coil with the gap centered in the core of the coil winding.
Test leads and their clips must be non-magnetic.
The longitudinal axis of the test coil and the test switch shall be vertical.
MN2
Part #
Coil - 1
Coil definition
NARM1 CTC01
Coil resistance
1200
Ω
Number of turns
5,000
Wire size (nom. diameter)
0.0399mm (AWG 46)
Bobbin diameter (inside coil)
3.96mm
Winding length
10.4mm
1
MN2
DS-MN2-R2


Similar Part No. - MN2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
Digitally Controlled Programmable-Gain Amplifier
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
Digitally Controlled Programmable-Gain Amplifier
logo
List of Unclassifed Man...
MN21 ETC2-MN21 Datasheet
275Kb / 5P
Alkaline-Manganese Dioxide Battery
logo
Integrated Circuit Syst...
MN2200 ICST-MN2200 Datasheet
1,020Kb / 6P
High-performance Instrumentation Amplifier
logo
API Technologies Corp
MN2200 APITECH-MN2200 Datasheet
1Mb / 6P
High-performance Instrumentation Amplifier
More results

Similar Description - MN2

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CM10 CLARE-CM10 Datasheet
319Kb / 4P
Molded Mini-DYAD
CM15 CLARE-CM15 Datasheet
318Kb / 4P
Molded DYAD
FR2 CLARE-FR2 Datasheet
446Kb / 5P
Dyad
UM2 CLARE-UM2 Datasheet
338Kb / 4P
Ultra-Mini Dyad
CM5 CLARE-CM5 Datasheet
316Kb / 4P
Molded Ultra-Mini DYAD?
logo
Coto Technology
CM15S COTO-CM15S Datasheet
1Mb / 3P
Overmolded DYAD
CM5 COTO-CM5 Datasheet
597Kb / 3P
Molded Ultra-Mini DYAD
logo
Weidmuller
8432210000 WEIDMULLER-8432210000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
8447050000 WEIDMULLER-8447050000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
8447140000 WEIDMULLER-8447140000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com