Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS60 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GS60
Description  Gold Seal Series Public Address Amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GS60 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GS60 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS60 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Rating (RMS):
GS35 - 35 watts; GS60 - 60 watts; GS100 - 100 watts; GS150 - 150 watts
Frequency Response:
Transformer Output —
65 Hz to 20 kHz, +0/-2 dB @ -2 dB
Direct Output —
20 Hz to 20 kHz, +0/-1 dB @ rated power
Distortion:
Transformer Output —
0.5% (max.), 0.3% (typ.), 65 Hz to 20 kHz @ -2 dB
Direct Output —
0.5% (max.), 0.3% (typ.), 20 Hz to 20 kHz
Signal-to-Noise Ratio:
Fundamental: -94 dB or better; Aux 1 & 2: -70 dB; Tel: -70 dB or better @ 600 ohms
Mic 1 - 6: -60 dB or better @ 200 ohms
Inputs/Outputs:
Mic - 6 Lo-Z balanced via 4 XLR connectors and 2 screw terminals
Sensitivity: 0.35 mV (200 ohms)
Aux - 2 Hi-Z RCA jacks. Sensitivity: 0.085V (10k ohms)
Telephone - Screw terminals. Sensitivity: 0.07V (600 ohms)
Output to Power Amp - 5V @ Rated Output via RCA jack
WMT1A Output - 25V @ Rated Output via RCA jack
Tape Output - 687 mV @ Rated Output via RCA jack
Output Impedance:
All models: balanced or unbalanced 8-ohms, 25V, 25VCT, 70V, 4-ohm direct
Output Regulation:
Better than 2 dB from no load to full load
Variable Mute Range:
0 dB to -30 dB (Aux 1 & 2)
ALC:
Distortion - less than 0.5%; Compression - 25 dB
VOX Threshold:
Input 20 mV (VOX control max. CW position)
Mic Precedence:
Via terminal strip. -60 dB: Mic 1, 2, 3, 5/Tel, 6/Aux,Aux 2
Power In/Pre Out:
In 1V/Out 1V via RCA jacks
Loudness Contour:
+8 dB @ 100 Hz, +4 dB @ 10 kHz (Aux 1 & 2 control at 1/4 CW position)
Aphex Aural Exciter:
Type A9
Overload Protection:
Electronic with automatic reset
Thermal Protection:
1
05°C (220°F) thermistor attached to heat sink
Line Fusing:
Resettable circuit breaker
Dimensions:
1
6-1/2" W x 3-1/2" H x 12" D All Models
Shipping Weight:
GS35 - 19 lb.; GS60 - 24 lb.; GS100 - 28 lb.; GS150 - 31 lb.
Technical
Specifications
Architect
& Engineer
Specifications
The amplifier shall be a model _____, rated at ____ watts
RMS (insert GS35/35 watts, GS60/60 watts, GS100/100
watts or GS150/150 watts).
The amplifier shall accommodate up to 6 Lo-Z balanced
microphones, 2 Hi-Z auxiliary sources and a telephone pag-
ing input (Mic 5 shall be switch-selected for mic or tele-
phone line; Mic 6 switch-selected for microphone or Aux 1).
Mics 1 through 4 shall use XLR-type connectors; Aux input
shall be via RCA phono jacks and all other connectors shall
use screw terminals. Phantom power shall be supplied for
use with condenser microphones. Microphone precedence
connections shall be included for Mic 1, 2, 3, 5/Tel, 6/Aux 1
and Aux 2.
The amplifier shall provide a frequency response from 20 Hz
to 20 kHz +0/-1 dB at rated power. Distortion shall be 0.3%
typically, from 20 Hz to 20 kHz direct at rated power, and
from 65 Hz to 20 kHz transformer @ -2 dB.
The amplifier shall include an Aphex Aural Exciter circuit,
variable loudness contour control, and dual function equaliz-
er. The equalizer shall be switch selectable for feedback con-
trol or acoustic shaping and shall include 10 center-detent
slide controls providing ±12 dB of boost or cut from 62.5
Hz to 16 kHz in acoustic mode and from 125 Hz to 8 kHz
in feedback control mode.
The amplifier shall include automatic level control to provide
consistent output regardless of who is paging, automatic
muting complete with a VOX circuit, and a variable mute
level. Provisions shall also be included for remote volume
control, using an accessory control unit (GSRVC).
Outputs shall be provided for 4- and 8-ohm speakers and for
25V, 25VCT, and 70V distributed systems. Additional outputs
shall be provided to feed a booster amp and tape recorder.
A dedicated output shall permit feeding a 600-ohm tele-
phone line using an accessory transformer (Model
WMT1A). A Preamp out/power amp in circuit shall be pro-
vided to insert signal processing equipment.
The amplifier shall be rack mountable using an accessory
rack panel kit (GSRPK). It shall be UL and CSA listed and
shall be backed by a 3-year warranty.
50 Spring Street, Ramsey, New Jersey 07446, U.S.A.
201-934-8500 FAX: 201-934-9832
Web Site: www.bogen.com
* Architect and Engineer Specifications are available on CD and
online in a Word document to assist you with preparing your bids.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com