Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS60 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GS60
Description  Gold Seal Series Public Address Amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GS60 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GS60 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS60 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• 4 dedicated microphone inputs
(XLR connectors)
• 1 selectable Mic/Tel input
• 1 selectable Mic/Aux input
• 1 dedicated Aux input
• 4-ohm direct coupled output
• 8-ohm, 25V, 25VCT, and 70V transformer-
coupled outputs
• 2 rack spaces
• Dual-function, 10-band graphic equalizer (Acoustic
EQ/Feedback Control)
• True loudness contour function
• Aphex® Aural Exciter for improved
intelligibility
• Switchable phantom power supply
• Variable Aux input muting
• Remote master volume control
capability
• Input muting via contact on all inputs
• Voice activated aux muting on Tel input
• Aux fade back after Tel page
• Pre-amp out/Power amp in connections
• Booster amp output connection
• Tape output connection
• Balanced line driver output
(using WMT1A accessory)
• Low-cut filter for Mic channels
• Tamper-resistant front cover available (GSTRC)
• Rack mounting kit available (GSRPK)
• Remote volume control available (GSRVC)
The Gold Seal Series amplifiers are designed to meet the rigorous requirements of today’s sophisticated sound
systems.They combine unique and useable features with ultra high reliability and professional performance.
The amplifiers are available in 35, 60, 100 and 150 watt models, each with exactly the same features to provide
power and performance no matter how large or small the application.
The Bogen Gold Seal Series amplifiers are an extraordinary addition to Bogen's line of quality audio amplifiers.
Designed with the sound contractor in mind, they provide unparalleled flexibility and versatility, without the
need for add-on modules.
In addition to its extensive flexibility, the Gold Seal Series amplifiers offer a combination of features not found
in other commercial amplifiers.
Features
Description
Gold Seal Series
Public Address
Amplifiers
Models GS35, GS60,
GS100 & GS150
Specifications subject to change without notice.
© 1998 Bogen Communications, Inc.
Part No. 54-7874-02C Printed in U.S.A. 0303
Aphex Aural Exciter is a trademark of Aphex Systems, Ltd.


Similar Part No. - GS60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS60 MEANWELL-GS60 Datasheet
131Kb / 2P
60WAC-DC Single Output Desktop
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
logo
Gennum Corporation
GS6042 GENNUM-GS6042 Datasheet
1,018Kb / 21P
Automatic cable equalization
logo
Semtech Corporation
GS6080 SEMTECH-GS6080 Datasheet
716Kb / 19P
Input signal trace equalization
GS6080-INE3 SEMTECH-GS6080-INE3 Datasheet
716Kb / 19P
Input signal trace equalization
More results

Similar Description - GS60

ManufacturerPart #DatasheetDescription
logo
ITT Industries
XLM-PC ITT-XLM-PC Datasheet
68Kb / 1P
Broadcasting Equipment Public Address (PA) System
logo
List of Unclassifed Man...
FA11250 ETC2-FA11250 Datasheet
37Kb / 1P
Public Address Power Amplifiers
logo
ATMEL Corporation
ATVAULTIC460 ATMEL-ATVAULTIC460 Datasheet
830Kb / 30P
Public Key Pair Generation
logo
NXP Semiconductors
MF1ICS70 NXP-MF1ICS70_10 Datasheet
334Kb / 20P
Functional specification Public transportation
Rev. 4.4-25 November 2010
MF1ICS50 NXP-MF1ICS50_10 Datasheet
326Kb / 20P
Functional specification Public transportation
Rev. 5.6-24 November 2010
logo
Freescale Semiconductor...
MPC8315VRAGDA FREESCALE-MPC8315VRAGDA Datasheet
667Kb / 106P
Public key execution unit (PKEU)
logo
Laird Tech Smart Techno...
TRA-B-24-49003P LSTD-TRA-B-24-49003P Datasheet
808Kb / 2P
Public safety
logo
Pulse A Technitrol Comp...
PSIBVHF PULSE-PSIBVHF Datasheet
1Mb / 10P
In Building Public Safety Antenna
PSIBVU78 PULSE-PSIBVU78 Datasheet
1Mb / 11P
In Building Public Safety Antenna
PSUTWCNF PULSE-PSUTWCNF Datasheet
1Mb / 11P
In Building Public Safety
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com