Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS27L4ID Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS27L4ID
Description  Very low power precision CMOS quad operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS27L4ID Datasheet(HTML) 1 Page - STMicroelectronics

  TS27L4ID Datasheet HTML 1Page - STMicroelectronics TS27L4ID Datasheet HTML 2Page - STMicroelectronics TS27L4ID Datasheet HTML 3Page - STMicroelectronics TS27L4ID Datasheet HTML 4Page - STMicroelectronics TS27L4ID Datasheet HTML 5Page - STMicroelectronics TS27L4ID Datasheet HTML 6Page - STMicroelectronics TS27L4ID Datasheet HTML 7Page - STMicroelectronics TS27L4ID Datasheet HTML 8Page - STMicroelectronics TS27L4ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
March 2009
Rev 3
1/15
15
TS27L4
Very low power precision CMOS quad operational amplifiers
Features
■ Very low power consumption: 10 µA/op
■ Output voltage can swing to ground
■ Excellent phase margin on capacitive loads
■ Unity gain stable
■ Two input offset voltage selections
Description
The TS27L4 series are low-cost, low-power quad
operational amplifiers designed to operate with
single or dual supplies. These operational
amplifiers use the ST silicon gate CMOS process
allowing an excellent consumption-speed ratio.
These series are ideally suited for low
consumption applications.
Three power consumptions are available enabling
the best consumption-speed ratio:
ICC = 10 µA/amp: TS27L4 (very low power),
ICC = 150 µA/amp: TS27M4 (low power),
ICC = 1 mA/amp: TS274 (standard).
These CMOS amplifiers offer very high input
impedance and extremely low input currents. The
major advantage versus JFET devices is the very
low input current drift with temperature (see
Figure 4).
DIP14
(Plastic package)
SO-14
(Plastic micropackage)
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
TSSOP14
(Thin shrink small outline package)
Pin connections (top view)
www.st.com


Similar Part No. - TS27L4ID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS27L4I STMICROELECTRONICS-TS27L4I Datasheet
137Kb / 9P
PRECISION VERY LOW POWER CMOS QUAD OPERATIONAL AMPLIFIER
Jun-2003
More results

Similar Description - TS27L4ID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS27L2C STMICROELECTRONICS-TS27L2C Datasheet
203Kb / 9P
PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS27L4C STMICROELECTRONICS-TS27L4C Datasheet
137Kb / 9P
PRECISION VERY LOW POWER CMOS QUAD OPERATIONAL AMPLIFIER
Jun-2003
TS27M2C STMICROELECTRONICS-TS27M2C Datasheet
195Kb / 9P
PRECISION LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
2001-Nov
TS27M4C STMICROELECTRONICS-TS27M4C Datasheet
124Kb / 9P
PRECISION LOW POWER CMOS QUAD OPERATIONAL AMPLIFIERS
2001-Nov
TS524 STMICROELECTRONICS-TS524 Datasheet
128Kb / 5P
PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
Sep-1997
TS524 STMICROELECTRONICS-TS524_01 Datasheet
309Kb / 8P
PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
Oct-2001
TS27L2CN STMICROELECTRONICS-TS27L2CN Datasheet
206Kb / 9P
PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS27L2ID STMICROELECTRONICS-TS27L2ID Datasheet
206Kb / 9P
PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
logo
Texas Instruments
LT1014DMDWG4 TI-LT1014DMDWG4 Datasheet
869Kb / 32P
QUAD PRECISION OPERATIONAL AMPLIFIERS
TLV225X TI1-TLV225X_16 Datasheet
2Mb / 59P
VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com