Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS27L4ID Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS27L4ID
Description  Very low power precision CMOS quad operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS27L4ID Datasheet(HTML) 4 Page - STMicroelectronics

  TS27L4ID Datasheet HTML 1Page - STMicroelectronics TS27L4ID Datasheet HTML 2Page - STMicroelectronics TS27L4ID Datasheet HTML 3Page - STMicroelectronics TS27L4ID Datasheet HTML 4Page - STMicroelectronics TS27L4ID Datasheet HTML 5Page - STMicroelectronics TS27L4ID Datasheet HTML 6Page - STMicroelectronics TS27L4ID Datasheet HTML 7Page - STMicroelectronics TS27L4ID Datasheet HTML 8Page - STMicroelectronics TS27L4ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Absolute maximum ratings and operating conditions
TS27L4
4/15
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC+
Supply voltage (1)
1.
All values, except differential voltage are with respect to network ground terminal.
18
V
Vid
Differential input voltage (2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±18
V
Vin
Input voltage (3)
3.
The magnitude of the input and the output voltages must never exceed the magnitude of the positive
supply voltage.
-0.3 to 18
V
Io
Output current for VCC
+ ≥ 15V
±30
mA
Iin
Input current
±5
mA
Tstg
Storage temperature range
-65 to +150
°C
Rthja
Thermal resistance junction to ambient(4)
SO-14
TSSOP14
DIP14
4.
Short-circuits can cause excessive heating and destructive dissipation. Values are typical.
105
100
80
°C/W
Rthjc
Thermal resistance junction to case(4)
SO-14
TSSOP14
DIP14
31
32
33
°C/W
ESD
HBM: human body model(5)
5.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
1kV
MM: machine model(6)
6.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
100
V
CDM: charged device model(7)
7.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
1.5
kV
Table 2.
Operating conditions
Symbol
Parameter
TS27L4C
TS27L4I
Unit
VCC
+
Supply voltage
3 to 16
V
Vicm
Common mode input voltage range
0 to VCC
+ - 1.5
V
Toper
Operating free-air temperature range
0 to +70
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com