Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP3J15N3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTP3J15N3
Description  50V P-CHANNEL Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP3J15N3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTP3J15N3 Datasheet HTML 1Page - Cystech Electonics Corp. MTP3J15N3 Datasheet HTML 2Page - Cystech Electonics Corp. MTP3J15N3 Datasheet HTML 3Page - Cystech Electonics Corp. MTP3J15N3 Datasheet HTML 4Page - Cystech Electonics Corp. MTP3J15N3 Datasheet HTML 5Page - Cystech Electonics Corp. MTP3J15N3 Datasheet HTML 6Page - Cystech Electonics Corp. MTP3J15N3 Datasheet HTML 7Page - Cystech Electonics Corp. MTP3J15N3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C465N3
Issued Date : 2009.03.03
Revised Date : 2012.05.18
Page No. : 1/ 8
MTP3J15N3
CYStek Product Specification
50V P-CHANNEL Enhancement Mode MOSFET
MTP3J15N3
BVDSS
-50V
ID
-130mA
RDSON@VGS=-10V, ID=-100mA 4.5Ω(typ)
RDSON@VGS=-5V, ID=-100mA
6Ω(typ)
Features
• Low gate charge
• Excellent thermal and electrical capabilities
• Pb-free package
Equivalent Circuit
Outline
Absolute Maximum Ratings (Tj=25
°C, unless otherwise noted)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
-50
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current @ TA=25
°C, VGS=-5V
ID
-130
mA
Pulsed Drain Current (Note 1)
IDM
-520
mA
Maximum Power Dissipation @ TA=25℃
PD
225
mW
Thermal Resistance, Junction-to-Ambient
Rth,ja
556
°C/W
Maximum Lead Temperature for Soldering Purpose, 10 s
TL
260
°C
Operating Junction and Storage Temperature
Tj, Tstg
-55~+150
°C
Note : 1. Pulse width≤ 10μs, duty cycle≤2%.
MTP3J15N3
SOT-23
D
G:Gate
S
G
S:Source
D:Drain


Similar Part No. - MTP3J15N3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTP3J15Y3 CYSTEKEC-MTP3J15Y3 Datasheet
342Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
More results

Similar Description - MTP3J15N3

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N7002E TSC-TSM2N7002E Datasheet
203Kb / 5P
50V N-Channel Enhancement Mode MOSFET
logo
Formosa MS
FMBSS84 FORMOSA-FMBSS84 Datasheet
101Kb / 8P
50V P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTP3J15Y3 CYSTEKEC-MTP3J15Y3 Datasheet
342Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
BSS84KS3 CYSTEKEC-BSS84KS3 Datasheet
312Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
BSS84N3 CYSTEKEC-BSS84N3 Datasheet
308Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJT7838 PANJIT-PJT7838 Datasheet
291Kb / 6P
50V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT5015LFDF DIODES-DMT5015LFDF Datasheet
353Kb / 6P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
BSS138K DIODES-BSS138K Datasheet
509Kb / 7P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
October 2019
DMN52D0LT DIODES-DMN52D0LT Datasheet
698Kb / 8P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
November 2022 Rev. 2 - 2
DMN52D0UVA DIODES-DMN52D0UVA Datasheet
588Kb / 8P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
December 2022 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com