Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP3LP01S3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MTP3LP01S3
Description  30V P-CHANNEL Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP3LP01S3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTP3LP01S3 Datasheet HTML 1Page - Cystech Electonics Corp. MTP3LP01S3 Datasheet HTML 2Page - Cystech Electonics Corp. MTP3LP01S3 Datasheet HTML 3Page - Cystech Electonics Corp. MTP3LP01S3 Datasheet HTML 4Page - Cystech Electonics Corp. MTP3LP01S3 Datasheet HTML 5Page - Cystech Electonics Corp. MTP3LP01S3 Datasheet HTML 6Page - Cystech Electonics Corp. MTP3LP01S3 Datasheet HTML 7Page - Cystech Electonics Corp. MTP3LP01S3 Datasheet HTML 8Page - Cystech Electonics Corp. MTP3LP01S3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : 794N3
Issued Date : 2011.03.14
Revised Date : 2013.09.09
Page No. : 3/ 9
MTP3LP01S3
CYStek Product Specification
Typical Characteristics(The minus sign in voltage and current is omitted)
Typical Output Characteristics
0
0.05
0.1
0.15
0.2
0.25
0.3
00.5
11.5
2
Drain-Source Voltage ---VDS(V)
VGS=1.5V
6V
2V
2.5V
3V
3.5V
TA=25°C
4V
Typical Transfer Characteristics
0
50
100
150
200
0
0.5
1
1.5
2
2.5
3
Gate-Source Voltage-VGS(V)
VDS=10V
75°C
25°C
125°C
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
2
4
6
8
10
02
4
68
10
Gate-Source Voltage-VGS(V)
TA=75°C
TA=125°C
TA=25°C
ID=30mA
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
2
4
6
8
10
02
4
6
8
10
Gate-Source Voltage-VGS(V)
TA=75°C
TA=125°C
TA=25°C
ID=50mA
Static Drain-Source On-State resistance vs Drain Current
1
10
100
0.1
1
10
Drain Current-ID(mA)
TA=125°C
TA=75°C
TA=25°C
VGS=1.5V
Static Drain-Source On-State resistance vs Drain Current
1
10
100
1
10
100
Drain Current-ID(mA)
TA=75°C
TA=25°C
TA=125°C
VGS=2.5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com