Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP3LP01S3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTP3LP01S3
Description  30V P-CHANNEL Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP3LP01S3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTP3LP01S3 Datasheet HTML 1Page - Cystech Electonics Corp. MTP3LP01S3 Datasheet HTML 2Page - Cystech Electonics Corp. MTP3LP01S3 Datasheet HTML 3Page - Cystech Electonics Corp. MTP3LP01S3 Datasheet HTML 4Page - Cystech Electonics Corp. MTP3LP01S3 Datasheet HTML 5Page - Cystech Electonics Corp. MTP3LP01S3 Datasheet HTML 6Page - Cystech Electonics Corp. MTP3LP01S3 Datasheet HTML 7Page - Cystech Electonics Corp. MTP3LP01S3 Datasheet HTML 8Page - Cystech Electonics Corp. MTP3LP01S3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : 794N3
Issued Date : 2011.03.14
Revised Date : 2013.09.09
Page No. : 1/ 9
MTP3LP01S3
CYStek Product Specification
30V P-CHANNEL Enhancement Mode MOSFET
BVDSS
-30V
ID
-230mA
3Ω@-4V
4.6Ω@-2.5V
RDSON(typ)
10.9Ω@-1.5V
MTP3LP01S3
Features
• Ultra high speed switching.
• Low gate charge.
• 2.5V drive.
• Pb-free package.
Equivalent Circuit
Outline
Ordering Information
Device
Package
Shipping
MTP3LP01S3-0-T1-G
SOT-323
(Pb-free lead plating and halogen-free package)
3000 pcs / Tape & Reel
MTP3LP01S3
SOT-323
D
G:Gate
S
S:Source
G
D:Drain


Similar Part No. - MTP3LP01S3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTP3LP01N3 CYSTEKEC-MTP3LP01N3 Datasheet
323Kb / 9P
30V P-CHANNEL Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
MTP3LP01N3 VBSEMI-MTP3LP01N3 Datasheet
494Kb / 9P
P-Channel 30 V (D-S) MOSFET
logo
Cystech Electonics Corp...
MTP3LP01N3-0-T1-G CYSTEKEC-MTP3LP01N3-0-T1-G Datasheet
323Kb / 9P
30V P-CHANNEL Enhancement Mode MOSFET
MTP3LP01Y3 CYSTEKEC-MTP3LP01Y3 Datasheet
338Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
More results

Similar Description - MTP3LP01S3

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3068L DIODES-DMP3068L_15 Datasheet
348Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com