Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP3LP01Y3 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # MTP3LP01Y3
Description  30V P-CHANNEL Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP3LP01Y3 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  MTP3LP01Y3 Datasheet HTML 1Page - Cystech Electonics Corp. MTP3LP01Y3 Datasheet HTML 2Page - Cystech Electonics Corp. MTP3LP01Y3 Datasheet HTML 3Page - Cystech Electonics Corp. MTP3LP01Y3 Datasheet HTML 4Page - Cystech Electonics Corp. MTP3LP01Y3 Datasheet HTML 5Page - Cystech Electonics Corp. MTP3LP01Y3 Datasheet HTML 6Page - Cystech Electonics Corp. MTP3LP01Y3 Datasheet HTML 7Page - Cystech Electonics Corp. MTP3LP01Y3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : 794Y3
Issued Date : 2011.12.22
Revised Date :
Page No. : 5/ 8
MTP3LP01Y3
CYStek Product Specification
Typical Characteristics(Cont.)
Static Drain-Source On-resistance vs Ambient Temperature
0
1
2
3
4
5
6
-100
-50
0
50
100
150
200
Ambient Temperature-Ta(°C)
ID=100mA,
VGS=4V
Gate Charge Characteristics
0
1
2
3
4
5
6
7
8
9
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Total Gate Charge---Qg(nC)
VDS=10V,
ID=100mA
Power Derating Curve
0
20
40
60
80
100
120
140
160
0
50
100
150
200
Ambient Temperature---TA(℃)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com