Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP3LP01Y3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTP3LP01Y3
Description  30V P-CHANNEL Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP3LP01Y3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTP3LP01Y3 Datasheet HTML 1Page - Cystech Electonics Corp. MTP3LP01Y3 Datasheet HTML 2Page - Cystech Electonics Corp. MTP3LP01Y3 Datasheet HTML 3Page - Cystech Electonics Corp. MTP3LP01Y3 Datasheet HTML 4Page - Cystech Electonics Corp. MTP3LP01Y3 Datasheet HTML 5Page - Cystech Electonics Corp. MTP3LP01Y3 Datasheet HTML 6Page - Cystech Electonics Corp. MTP3LP01Y3 Datasheet HTML 7Page - Cystech Electonics Corp. MTP3LP01Y3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : 794Y3
Issued Date : 2011.12.22
Revised Date :
Page No. : 2/ 8
MTP3LP01Y3
CYStek Product Specification
Electrical Characteristics (Ta=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
-30
-
-
V
VGS=0V, ID=-250μA
VGS(th)
-0.6
0.9
-1.1
V
VDS=-10V, ID=-100μA
GFS
100
210
-
mS
VDS=-10V, ID=-100mA
IGSS
-
-
±
1
μA
VGS=±8V, VDS=0
-
-
-1
VDS=-30V, VGS=0
IDSS
-
-
-10
μA
VDS=-24V, VGS=0; Tj=125°C
-
3
5
VGS=-4V, ID=-100mA
-
4.6
8
VGS=-2.5V, ID=-30mA
*RDS(ON)
-
10.9
18
Ω
VGS=-1.5V, ID=-1mA
Dynamic
Ciss
-
35.7
-
Coss
-
11.9
-
Crss
-
3.7
-
pF
VDS=-20V, VGS=0, f=1MHz
*td(ON)
-
26.4
-
*tr
-
12.8
-
*td(OFF)
-
31.5
-
*tf
-
46.4
-
ns
VDS=-15V, ID=-100mA, VGS=-4V,
RL=150Ω, RG=50Ω
*Qg
-
0.78
-
*Qgs
-
0.1
-
*Qgd
-
0.1
-
nC
VDS=-10V, ID=-100mA, VGS=-10V
Source-Drain Diode
*IS
-
-
-230
*ISM
-
-
-920
mA
*VSD
-
0.83
-1.2
V
VGS=0V, IS=-100mA
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
Ordering Information
Device
Package
Shipping
Marking
MTP3LP01Y3
SOT-723
(Pb-free lead plating and halogen-free package)
8000 pcs / Tape & Reel
AB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com