Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1978 Datasheet(PDF) 8 Page - NEC

Part # 2SA1978
Description  PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SA1978 Datasheet(HTML) 8 Page - NEC

  2SA1978 Datasheet HTML 1Page - NEC 2SA1978 Datasheet HTML 2Page - NEC 2SA1978 Datasheet HTML 3Page - NEC 2SA1978 Datasheet HTML 4Page - NEC 2SA1978 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 5 page
background image
8
2SA1978
S-PARAMETER
(VCE = 10 V, IC = 5 mA, Zo = 50
Ω)
fS11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.529
− 28.8
11.3
156.
0.0234
75.4
0.939
− 12.8
200
0.548
− 53.5
9.70
138.
0.0412
67.4
0.836
− 21.7
300
0.463
− 73.9
8.20
124.
0.0530
62.1
0.739
− 27.2
400
0.400
− 91.4
6.94
114.
0.0620
59.7
0.666
− 29.9
500
0.349
− 106
5.86
106.
0.0712
58.9
0.608
− 31.4
600
0.316
− 119
5.09
100.
0.0793
59.8
0.567
− 31.9
700
0.292
− 131
4.49
94.6
0.0860
59.6
0.539
− 32.7
800
0.277
− 141
4.00
89.7
0.0938
60.4
0.516
− 33.5
900
0.267
− 152
3.63
85.4
0.101
61.3
0.498
− 34.2
1000
0.261
− 160
3.31
81.5
0.109
61.9
0.485
− 35.1
1100
0.259
− 169
3.04
77.9
0.117
62.8
0.472
− 35.9
1200
0.260
− 177
2.82
74.5
0.125
63.2
0.463
− 36.9
1300
0.263
176
2.63
71.3
0.133
63.9
0.455
− 38.4
1400
0.267
169
2.46
68.2
0.143
64.4
0.448
− 39.5
1500
0.272
164
2.32
65.3
0.152
64.5
0.440
− 40.8
1600
0.280
159
2.20
62.5
0.161
64.6
0.434
− 42.5
1700
0.286
154
2.09
59.8
0.171
64.9
0.428
− 44.1
1800
0.293
149
1.99
57.3
0.191
64.8
0.423
− 46.0
1900
0.300
145
1.90
54.8
0.192
64.4
0.417
− 47.8
2000
0.308
141
1.82
52.3
0.201
64.5
0.413
− 49.7
2100
0.315
138
1.75
49.9
0.212
63.9
0.408
− 51.9
2200
0.325
134
1.68
47.6
0.223
63.8
0.402
− 54.3
2300
0.333
131
1.63
45.5
0.235
63.2
0.397
− 56.1
2400
0.341
128
1.57
43.3
0.246
62.7
0.395
− 58.7
2500
0.348
125
1.52
41.2
0.258
62.1
0.388
− 61.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com