Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1978 Datasheet(PDF) 1 Page - NEC

Part # 2SA1978
Description  PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SA1978 Datasheet(HTML) 1 Page - NEC

  2SA1978 Datasheet HTML 1Page - NEC 2SA1978 Datasheet HTML 2Page - NEC 2SA1978 Datasheet HTML 3Page - NEC 2SA1978 Datasheet HTML 4Page - NEC 2SA1978 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA SHEET
Silicon Transistor
2SA1978
PNP EPITAXIAL SILICON TRANSISTOR
MICROWAVE AMPLIFIER
1996
©
Document No. P11028EJ1V0DS00 (1st edition)
Date Published April 1996 P
Printed in Japan
PRELIMINARY DATA SHEET
FEATURES
PACKAGE DIMENSIONS
•
High fT
(in milimeters)
fT = 5.5 GHz TYP.
•
| S21e |
2 = 10.0 dB TYP. @f = 1.0 GHz, V
CE =
−10 V, IC = −15 mA
•
High speed switching characteristics
•
Equivalent NPN transistor is the 2SC2351.
•
Alternative of the 2SA1424.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °
°°°C)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCB0
−20
V
Collector to Emitter Voltage
VCE0
−12
V
Emitter to Base Voltage
VEB0
−3.0
V
Collector Current
IC
−50
mA
Total Power Dissipation
PT
200
mW
Junction Temperature
Ti
150
°C
Storage Temperature
Tstg
−65 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °
°°°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Collector Cutoff Current
ICB0
VCB =
−10 V
−0.1
µA
Emitter Cutoff Current
IEB0
VEB =
−2 V
−0.1
µA
DC Current Gain
hFE
VCE =
−10 V, IC = −15 mA
20
40
100
Gain Bandwidth Product
fT
VCE =
−10 V, IC = −15 mA
4.0
5.5
GHz
Collector Capacitance
Cre*
VCB =
−10 V, IE = 0, f = 1 MHz
0.5
1
pF
Insertion Power Gain
| S21e |
2
VCE =
−10 V, IC = −15 mA, f = 1.0 GHz
8.0
10.0
dB
Noise Figure
NF
VCE =
−10 V, IC = −3.0 mA, f = 1 GHz
2.0
3
dB
*
Mesured by a 3-terminal bridge. Emitter and Case should be connected to the guard terminal.
hFE Classification
Rank
FB
Marking
T93
hFE
20 to 100
2.8+0.2
_
1.5
0.65
+0.1
–0.15
2
1
3
Marking
PIN CONNECTIONS
1: Emitter
2: Base
3: Collector
Marking: T93


Similar Part No. - 2SA1978

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1978 KEXIN-2SA1978 Datasheet
36Kb / 1P
PNP Eitaxial Silicon Transistor
logo
Renesas Technology Corp
2SA1978 RENESAS-2SA1978 Datasheet
193Kb / 12P
PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
logo
California Eastern Labs
2SA1978 CEL-2SA1978 Datasheet
1Mb / 10P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Renesas Technology Corp
2SA1978 RENESAS-2SA1978_15 Datasheet
193Kb / 12P
PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
More results

Similar Description - 2SA1978

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1977 NEC-2SA1977 Datasheet
58Kb / 7P
PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
2SC2148 NEC-2SC2148 Datasheet
52Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC3356 NEC-2SC3356 Datasheet
102Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR)
2SC4536 NEC-2SC4536 Datasheet
60Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SA1977 RENESAS-2SA1977 Datasheet
191Kb / 14P
PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
2SA1978 RENESAS-2SA1978 Datasheet
193Kb / 12P
PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
2SA1978 RENESAS-2SA1978_15 Datasheet
193Kb / 12P
PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
2SA1977 RENESAS-2SA1977_15 Datasheet
191Kb / 14P
PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
logo
Leshan Radio Company
L2SC3357 LRC-L2SC3357 Datasheet
309Kb / 2P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC2148 RENESAS-2SC2148 Datasheet
180Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
August 1996
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com