Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1978 Datasheet(PDF) 2 Page - NEC

Part # 2SA1978
Description  PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SA1978 Datasheet(HTML) 2 Page - NEC

  2SA1978 Datasheet HTML 1Page - NEC 2SA1978 Datasheet HTML 2Page - NEC 2SA1978 Datasheet HTML 3Page - NEC 2SA1978 Datasheet HTML 4Page - NEC 2SA1978 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
2SA1978
SWITCHING CHARACTERISTICS
Vin = 1 V
TYP
Turn-on Delay Time
ton (delay)
1.10
ns
Rise Time
tr
0.77
ns
Turn off Delay Time
toff (delay)
0.40
ns
Fall Time
tf
0.79
ns
SWITCHING TIME MEASUREMENT CIRCUIT
VCC ( – )
RC1
RC2
RL1
VOUT
RL2
VSS ( – )
50
Ω
RE
VEE ( + )
RS
Sampling
Oscilloscope
Vin
VOUT
20 ns
tr
tf
toff (delay)
ton (delay)
Vin
Vin = 1 V, VBB =
−0.5 V, RC1 = RC2
RS
RC
RL1
RL2
RE
VEE
VCC
(
Ω)(Ω)(Ω)(Ω)(Ω)(V)
(V)
160
1 k
200
250
2.7 k
27
26.3
Parameter
Symbol
Unit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com