Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN4060SVT Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN4060SVT
Description  45V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4060SVT Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN4060SVT Datasheet HTML 1Page - Diodes Incorporated DMN4060SVT Datasheet HTML 2Page - Diodes Incorporated DMN4060SVT Datasheet HTML 3Page - Diodes Incorporated DMN4060SVT Datasheet HTML 4Page - Diodes Incorporated DMN4060SVT Datasheet HTML 5Page - Diodes Incorporated DMN4060SVT Datasheet HTML 6Page - Diodes Incorporated DMN4060SVT Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMN4060SVT
Document number: DS35702 Rev. 2 - 2
5 of 7
www.diodes.com
February 2012
© Diodes Incorporated
DMN4060SVT
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Fig. 10 Gate Threshold Variation vs. Ambient Temperature
J
°
I= 1mA
D
I = 250µA
D
0
4
8
12
16
20
0
0.2
0.4
0.6
0.8
1.0
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 11 Diode Forward Voltage vs. Current
T = 25°C
A
0
5
10
15
20
25
30
35
40
45
50
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 12 Typical Drain-Source Leakage Current vs. Voltage
1
10
100
1,000
10,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
0
510
15
20
25
30
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 13 Typical Junction Capacitance
Ciss
Coss
C
rss
f = 1MHz
0
5
10
15
20
25
Q(nC)
g, TOTAL GATE CHARGE
Fig. 14 Gate Charge
V
= 30V
I=
A
DS
D
4.3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com