Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN4060SVT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN4060SVT
Description  45V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4060SVT Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN4060SVT Datasheet HTML 1Page - Diodes Incorporated DMN4060SVT Datasheet HTML 2Page - Diodes Incorporated DMN4060SVT Datasheet HTML 3Page - Diodes Incorporated DMN4060SVT Datasheet HTML 4Page - Diodes Incorporated DMN4060SVT Datasheet HTML 5Page - Diodes Incorporated DMN4060SVT Datasheet HTML 6Page - Diodes Incorporated DMN4060SVT Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMN4060SVT
Document number: DS35702 Rev. 2 - 2
1 of 7
www.diodes.com
February 2012
© Diodes Incorporated
DMN4060SVT
45V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(on) max
ID
TA = 25°C
45V
46m
Ω @ VGS = 10V
4.8A
62m
Ω @ VGS = 4.5V
4.1A
Description and Applications
This new generation MOSFET has been designed to minimize the on-
state resistance (RDS(on)) and yet maintain superior switching
performance, making it ideal for high efficiency power management
applications.
•
DC-DC Converters
•
Power management functions
•
Backlighting
Features and Benefits
•
Low Input Capacitance
•
Low On-Resistance
•
Fast Switching Speed
•
Lead, Halogen, and Antimony Free, RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: TSOT26
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: See Diagram
•
Terminals: Finish – Tin Finish annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.013 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
DMN4060SVT-7
TSOT26
3,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. No purposely added lead. Halogen and Antimony free.
2. Diodes Inc.’s “Green” policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2011
2012
2013
2014
2015
2016
2017
Code
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
TSOT26
Top View
Top View
Pin Configuration
34D = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: Z = 2012)
M = Month (ex: 9 = September)
Source
Body
Diode
Gate
Drain
Equivalent Circuit
34D
D
D
G
D
D
S
1
2
3
6
5
4


Similar Part No. - DMN4060SVT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4060SVT DIODES-DMN4060SVT_15 Datasheet
212Kb / 7P
45V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
More results

Similar Description - DMN4060SVT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN4060SVT DIODES-DMN4060SVT_15 Datasheet
212Kb / 7P
45V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
GOOD-ARK Electronics
SSF4203 GOOD-ARK-SSF4203_15 Datasheet
1Mb / 7P
45V N-Channel MOSFET
SSF4203 GOOD-ARK-SSF4203 Datasheet
1Mb / 7P
45V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HRLF29N045H SEMIHOW-HRLF29N045H Datasheet
537Kb / 7P
45V N-Channel Trench MOSFET
logo
Alpha & Omega Semicondu...
AON6154 AOSMD-AON6154 Datasheet
314Kb / 6P
45V N-Channel MOSFET
AON6156 AOSMD-AON6156 Datasheet
324Kb / 6P
45V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com