Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W150 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # W150
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W150 Datasheet(HTML) 3 Page - Cypress Semiconductor

  W150 Datasheet HTML 1Page - Cypress Semiconductor W150 Datasheet HTML 2Page - Cypress Semiconductor W150 Datasheet HTML 3Page - Cypress Semiconductor W150 Datasheet HTML 4Page - Cypress Semiconductor W150 Datasheet HTML 5Page - Cypress Semiconductor W150 Datasheet HTML 6Page - Cypress Semiconductor W150 Datasheet HTML 7Page - Cypress Semiconductor W150 Datasheet HTML 8Page - Cypress Semiconductor W150 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
W150
PRELIMINARY
3
Overview
The W150 was designed as a single-chip alternative to the
standard two-chip Intel 440BX AGPset clock solution. It pro-
vides sufficient outputs to support most single-processor, four
SDRAM DIMM designs.
Functional Description
I/O Pin Operation
Pins 2, 8, 9, 29, and 30 are dual-purpose l/O pins. Upon
power-up these pins act as logic inputs, allowing the determi-
nation of assigned device functions. A short time after
power-up, the logic state of each pin is latched and the pins
become clock outputs. This feature reduces device pin count
by combining clock outputs with input select pins.
An external 10-k
Ω “strapping” resistor is connected between
the l/O pin and ground or VDD. Connection to ground sets a
latch to “0,” connection to VDD sets a latch to “1.” Figure 1 and
Figure 2 show two suggested methods for strapping resistor
connections.
Upon W150 power-up, the first 2 ms of operation is used for
input logic selection. During this period, the five I/O pins (2, 8,
9, 29, 30) are three-stated, allowing the output strapping resis-
tor on the l/O pins to pull the pins and their associated capac-
itive clock load to either a logic HIGH or LOW state. At the end
of the 2-ms period, the established logic “0” or “1” condition of
the l/O pin is latched. Next the output buffer is enabled, con-
verting the l/O pins into operating clock outputs. The 2-ms tim-
er starts when VDD reaches 2.0V. The input bits can only be
reset by turning VDD off and then back on again.
It should be noted that the strapping resistors have no signifi-
cant effect on clock output signal integrity. The drive imped-
ance of clock output (<40
Ω, nominal) is minimally affected by
the 10-k
Ω strap to ground or V
DD. As with the series termina-
tion resistor, the output strapping resistor should be placed as
close to the l/O pin as possible in order to keep the intercon-
necting trace short. The trace from the resistor to ground or
VDD should be kept less than two inches in length to minimize
system noise coupling during input logic sampling.
When the clock outputs are enabled following the 2-ms input
period, the corresponding specified output frequency is deliv-
ered on the pins, assuming that VDD has stabilized. If VDD has
not yet reached full value, output frequency initially may be
below target but will increase to target once VDD voltage has
stabilized. In either case, a short output clock cycle may be
produced from the CPU clock outputs when the outputs are
enabled.
VDDQ2
50, 56
P
Power Connection: Power supply for IOAPIC and CPU output buffers. Connect to 2.5V
or 3.3V.
GND
4, 10, 23, 26,
34, 42, 48, 53
G
Ground Connections: Connect all ground pins to the common system ground plane.
Pin Definitions (continued)
Pin Name
Pin No.
Pin
Type
Pin Description
Power-on
Reset
Timer
Output Three-state
Data
Latch
Hold
QD
W150
VDD
Clock Load
10 k
Output
Buffer
(Load O p tion 1)
10 k
(Load O p tion 0)
Output
Low
O u tp ut S trapping R esistor
S e ries Te rm in ation R e sistor
Figure 1. Input Logic Selection Through Resistor Load Option
Power-on
Reset
Timer
Output Three-state
Data
Latch
Hold
QD
W150
VDD
Clock Load
R
10 k
Output
Buffer
Output
Low
Output Strapping Resistor
Series Termination Resistor
Jumper Options
Resistor Value R
Figure 2. Input Logic Selection Through Jumper Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com