Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK86-SMC-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SK86-SMC-R
Description  8A, 60V SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK86-SMC-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SK86-SMC-R Datasheet HTML 1Page - Unisonic Technologies SK86-SMC-R Datasheet HTML 2Page - Unisonic Technologies SK86-SMC-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SK86
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R601-093.a
8A, 60V SCHOTTKY RECTIFIER
DESCRIPTION
The UTC SK86 is a schottky rectifier diode, it uses UTC’s
advanced technology to provide customers with low forward voltage
and high current capability, etc.
FEATURES
* High current capability
* Low forward voltage
SYMBOL
SMC
+
-
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
SK86-SMC-R
SK86-SMC-R
SMC
K
A
Tape Reel
Note: Pin Assignment: A: Anode, K: Cathode
SK86L-SMC-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) SMC: SMC
(3) L: Lead Free, G: Halogen Free
(3)Lead Free


Similar Part No. - SK86-SMC-R

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SK86-T3 WTE-SK86-T3 Datasheet
52Kb / 4P
8.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
September, 2019
More results

Similar Description - SK86-SMC-R

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S08A30 MOSPEC-S08A30 Datasheet
235Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(8A,30-60V)
logo
Sanyo Semicon Device
SBT80-06J SANYO-SBT80-06J Datasheet
39Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 8A Rectifier
SBT80-06LS SANYO-SBT80-06LS Datasheet
42Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 8A Rectifier
logo
TAITRON Components Inco...
TSR835 TAITRON-TSR835 Datasheet
135Kb / 5P
8A Schottky Rectifier
logo
Sanyo Semicon Device
SB80W06T SANYO-SB80W06T Datasheet
263Kb / 3P
60V, 8A Rectifier
logo
Digitron Semiconductors
MUR870E DIGITRON-MUR870E Datasheet
198Kb / 3P
8A SCHOTTKY RECTIFIER
MUR805 DIGITRON-MUR805 Datasheet
301Kb / 6P
8A SCHOTTKY RECTIFIER
logo
PFC Device Inc.
P8L60SP PFC-P8L60SP Datasheet
724Kb / 5P
8A 60V MOS Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD8U60SL LUGUANG-SD8U60SL Datasheet
2Mb / 4P
8A/60V Low VF Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSUP8M60SH TSC-TSUP8M60SH Datasheet
432Kb / 5P
8A, 60V Trench Schottky Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com