Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRSH331M10V63x11F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRSH331M10V63x11F
Description  Miniature Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSH331M10V63x11F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRSH331M10V63x11F Datasheet HTML 1Page - NIC-Components Corp. NRSH331M10V63x11F Datasheet HTML 2Page - NIC-Components Corp. NRSH331M10V63x11F Datasheet HTML 3Page - NIC-Components Corp. NRSH331M10V63x11F Datasheet HTML 4Page - NIC-Components Corp. NRSH331M10V63x11F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRSH Series
Cap.
(
μF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
80
100
8.2
8R2
--------
5x11
12
120
-------
5x11
-
18
180
------
5x11
-
-
27
270
-----
5 x11
33
330
-------
6.3x11
8x11.5
47
470
----
5x11
-
6.3x11
-
8x16
56
560
-----
6.3x11
-
8x11.5
10x12.5
68
680
-
-
-
5x11
-
-
-
8x16
8x20
82
820
------
8x11.5
10x12.5
10x16
100
101
-
-
5x11
-
6.3x11
8x11.5
8x16
8x20
10x20
12.5x16
120
121
-----
8x16
10x12.5
10x16
10x23
150
151
-
5x11
-
6.3x11
-
10x12.5
8x20
-
12.5x20
180
181
-----
8x20
10x16
10x20
-
12.5x16
220
221
5x11
-
6.3x11
-
8x11.5
10x16
-
10x23
12.5x25
270
271
----
8x16
10x20
10x20
12.5x20
12.5x30
12.5x16
16x20
330
331
-
6.3x11
-
8x11.5
10x12.5
10x23
10x23
12.5x25
12.5x35
390
391
-
-
-
8x16
8x20
-
12.5x20
12.5x30
12.5x40
16x20
16x25
18x20
470
471
6.3x11
-
8x11.5
10x12.5
10x16
12.5x20
12.5x25
12.5x35
16x31.5
18x25
560
561
-
-
-
8x20
10x20
12.5x25
12.5x30
12.5x40
16x35.5
16x20
16x25
18x31.5
18x20
680
681
-
8x11.5
8x16
10x16
10x23
12.5x30
12 5x35
16x31.5
16x40
10x12.5
18x35.5
820
821
8x11.5
-
-
10x20
-
12.5x35
12.5x40
16x35.5
18x40
16x20
16x25
18x25
18x20
1,000
102
8x16
8x20
10x23
12.5x20
16x25
-
16x40
-
10x12.5
10x16
18x31.5
1,200
122
8x16
-
-
-
12.5x25
-
16x31
18x35.5
-
10x12.5
18x25
1,500
152
8x20
8x20
10x20
12.5x20
12.5x30
-
16x35.5
18x40
-
10x16
16x20
18x31.5
1,800
182
10x16
10x20
10x23
12.5x25
12.5x35
-
16x40
--
18x35.5
2,200
222
10x20
10x23
12.5x20
12.5x30
16x25
-
18x40
-
-
16x20
2,700
272
10x23
-
12.5x25
12.5x35
-----
3,300
332
-
12.5x20
12.5x30
16x25
-----
16x20
3,900
392
12.5x20
12.5x25
12.5x35
------
4,700
472
12.5x25
12.5x30
16x25
------
16x20
5,600
562
12.5x30
12.5x35
-------
6,800
682
16x20
16x25
-------
12.5x35
8,200
822
16x25
--------
LEAD SPACING AND DIAMETER (mm)
β = L < 16mm = 1.5mm, L > 20mm = 2.0mm
Case Dia. (D
φ)
5
6.3
8
10
12.5
16
18
Lead Dia. (d
φ)
0.5
0.5
0.6
0.6
0.6
0.8
0.8
Lead Spacing (F)
2.0
2.5
3.5
5.0
5.0
7.5
7.5
Dim.
α
0.5
STANDARD PRODUCT AND CASE SIZE TABLE D
φxL (mm)
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for details
on taped format packaging.
-
+



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com