Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRSH331M10V63x11F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRSH331M10V63x11F
Description  Miniature Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSH331M10V63x11F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRSH331M10V63x11F Datasheet HTML 1Page - NIC-Components Corp. NRSH331M10V63x11F Datasheet HTML 2Page - NIC-Components Corp. NRSH331M10V63x11F Datasheet HTML 3Page - NIC-Components Corp. NRSH331M10V63x11F Datasheet HTML 4Page - NIC-Components Corp. NRSH331M10V63x11F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRSH Series
Rated Voltage Range
6.3 ~ 100VDC
Capacitance Range
8.2 ~ 8,200
μF
Operating Temperature Range
-40°C ~ +105°C
Capacitance Tolerance
±20% (M)
Maximum Leakage Current
After 2 minutes
0.01CV or 3
μA whichever is greater
Max. Tan
δ at 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
63
80
100
S.V. (Vdc)
8
13
20
32
44
63
79
100
125
C < 1,000
μF
0.22
0.19
0.16
0.14
0.12
0.10
0.09
0.08
0.08
C = 1,200
μF
0.22
0.19
0.16
0.14
0.12
-
0.09
0.08
-
C = 1,500
μF
0.22
0.19
0.16
0.14
0.12
-
0.09
0.08
-
C = 1,800
μF
0.22
0.19
0.16
0.14
0.12
-
0.09
-
-
C = 2,200
μF
0.24
0.21
0.18
0.16
0.14
-
0.11
-
-
C = 2,700
μF
0.24
0.21
0.18
0.16
-
-
-
-
-
C = 3,300
μF
0.26
0.23
0.20
0.18
-
-
-
-
-
C = 3,900
μF
0.26
0.23
0.20
-
-
-
-
-
-
C = 4,700
μF
0.28
0.25
0.22
-
-
-
-
-
-
C = 5,600
μF
0.30
0.27
-
-
-
-
-
-
-
C = 6,800
μF
0.32
0.29
-
-
-
-
-
-
-
C = 8,200
μF
0.36
-
-
-
-
-
-
-
-
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
2
2
2
2
2
2
2
2
2
Z-40°C/Z+20°C
3
3
3
3
3
3
3
3
3
Load Life Test
@ 105°C
Duration
φ D = 5 & 6.3: 6,000 hours, φ D = 8: 8,000 hours, φ D = 10>: 10,000 hours
Δ Capacitance
Within ±25% of initial measured value
Δ Tan δ
Less than 200% of specified value
Δ LC
Less than specified value
HIGH TEMPERATURE, EXTENDED LOAD LIFE, RADIAL LEADS, POLARIZED
FEATURES
• IMPROVED ENDURANCE AT HIGH TEMPERATURE
(up to 10,000HRS @ 105°C)
• LOW IMPEDANCE & HIGH RIPPLE CURRENT RATINGS
• NEW REDUCED SIZES
CHARACTERISTICS
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
EXPANDED!
63V ~ 100V
NRSH 221 M 50V 10X16 TB F .
RoHS Compliant
TB = Tape & Box*
Case Size (D
φxL)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
PART NUMBER SYSTEM
*see taping specifications for details


Similar Part No. - NRSH331M10V63x11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSH331M10V6.3X11F NIC-NRSH331M10V6.3X11F Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSH331M10V63x11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com