Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSP331M25D6ATRF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NSP331M25D6ATRF
Description  Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSP331M25D6ATRF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NSP331M25D6ATRF Datasheet HTML 1Page - NIC-Components Corp. NSP331M25D6ATRF Datasheet HTML 2Page - NIC-Components Corp. NSP331M25D6ATRF Datasheet HTML 3Page - NIC-Components Corp. NSP331M25D6ATRF Datasheet HTML 4Page - NIC-Components Corp. NSP331M25D6ATRF Datasheet HTML 5Page - NIC-Components Corp. NSP331M25D6ATRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NIC Part Number
(Reflow 240°C)
NIC Part Number
(Reflow 260°C)
WV Cap. Max. LC (µA)
Tan δ
Max. Ripple Current
+105°C & 100KHz (mArms)
Max. ESR
+20°C & 100KHz (Ω)
Height
H
(Vdc) (µF) 240°C 260°C
N/A
NSP151M6.3D4ATRF
6.3
150
-
94.5
0.10
3,300
0.012
4.2±0.1
N/A
NSP151M6.3D4XATRF
150
-
94.5
0.10
3,500
0.010
4.2±0.1
N/A
NSP181M6.3D4ATRF
180
-
113.4
0.10
3,300
0.012
4.2±0.1
N/A
NSP181M6.3D4XATRF
180
-
113.4
0.10
3,500
0.010
4.2±0.1
NSP181M6.3D4YTRF
N/A
180
45.4
-
0.10
3,700
0.007
4.2±0.1
NSP181M6.3D4ZTRF
N/A
180
45.4
-
0.10
4,000
0.005
4.2±0.1
NSP220M8D5TRF
N/A
8.0
22
7.0
-
0.06
2,000
0.028
1.1±0.1
NSP101M8D4TRF
NSP101M8D4ATRF
100
32.0
80.0
0.10
3,300
0.012
4.2±0.1
NSP4R7M12.5D2TRF
N/A
12.5
4.7
3.0
-
0.06
1,000
0.080
1.8±0.1
NSP100M12.5D2TRF
N/A
10
5.0
-
0.06
1,000
0.060
1.8±0.1
NSP150M12.5D5TRF
N/A
15
7.5
-
0.06
1,400
0.040
1.1±0.1
NSP150M12.5D2TRF
N/A
15
7.5
-
0.06
1,300
0.050
1.8±0.1
NSP220M12.5D2TRF
N/A
22
11.0
-
0.06
1,600
0.030
1.8±0.1
NSP2R2M16D2TRF
N/A
16
2.2
3.0
-
0.06
1,000
0.110
1.8±0.1
NSP4R7M16D2TRF
N/A
4.7
3.0
-
0.06
1,000
0.080
1.8±0.1
NSP6R8M16D2TRF
N/A
6.8
4.4
-
0.06
1,000
0.070
1.8±0.1
NSP8R2M16D2TRF
N/A
8.2
5.2
-
0.06
1,300
0.045
1.8±0.1
Not Recommended for New Designs
Note: The following parts are supported but not recommended for new designs
If Peak Soldering Temperature is Maximum Time Above +200°C is
240°C, 5 seconds max.
30 seconds
230°C, 5 seconds max.
40 seconds
If Peak Soldering Temperature is
Maximum Time Above +230°C is
260°C, 10 seconds max.
40 seconds
255°C, 10 seconds max.
50 seconds
250°C, 10 seconds max.
60 seconds
RECOMMENDED
240°C REFLOW SOLDERING PROFILE
(2D5~12.5D5, 12.5D2 ~ 16D2, 121M6.3D3Z, 151M6.3D3Z,
181M6.3D4Y, 221M6.3D4Y)
150oC ~ 200°C
NATURAL COOLING
240oC Max.
250
200
150
100
50
Time above
200°C
120 Seconds
5 Seconds Max.
Time (Seconds)
RECOMMENDED
260°C REFLOW SOLDERING PROFILE
(D2A, D2XA, D2ZA, D3A, D3XA, D3YA, D4A, D4XA, D4YA, D6A,
D6ZA, D6UA, D6VA)
NATURAL COOLING
260oC Max.
10 Seconds Max.
230
Time above
230°C
120 Seconds
150oC ~ 200°C
PREHEAT
Time (Seconds)
250
150
200
50
100
DURATION ABOVE 200°C (FOR 240°C REFLOW PARTS)
DURATION ABOVE 230°C (FOR 260°C REFLOW PARTS)
Notes:
1. SAC alloy (+217°C) reflow soldering compatible
2. Soldering heat limits apply to the top surface of component
3. If you have concerns about your reflow soldering profile review them with NIC
to insure compatible [tpmg@niccomp.com]
4. Two passes through the reflow process are allowed (cooling down period
between process).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com