Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSP331M25D6ATRF Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NSP331M25D6ATRF
Description  Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSP331M25D6ATRF Datasheet(HTML) 6 Page - NIC-Components Corp.

  NSP331M25D6ATRF Datasheet HTML 1Page - NIC-Components Corp. NSP331M25D6ATRF Datasheet HTML 2Page - NIC-Components Corp. NSP331M25D6ATRF Datasheet HTML 3Page - NIC-Components Corp. NSP331M25D6ATRF Datasheet HTML 4Page - NIC-Components Corp. NSP331M25D6ATRF Datasheet HTML 5Page - NIC-Components Corp. NSP331M25D6ATRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Specialty Polymer Solid Aluminum
Electrolytic Capacitors
NSP Series
RECOMMENDED LAND PATTERNS (mm)
DIMENSIONS (mm)
Please note the NSP series will fit on standard
“D” and “E” size (7343) tantalum chip capacitor
land patterns
PART MARKING
Capacitance (µF)
Anode Polarity Indicator
Voltage Code
Date Code
J
10
64721
W
W1
H
L
S
VOLTAGE CODES
A
C
B
Case Code
L ±0.4
W ±0.3
H
W1 ±0.2
S ±0.3
D2 ~ D6
7.3
4.3
see values table
2.4
1.3
Voltage
Code
2.0Vdc
D
2.5Vdc
E
4.0Vdc
G
6.3Vdc
J
8Vdc
K
10Vdc
A
12.5Vdc
B
16Vdc
C
Case Code
A
B
C
D2 ~ D6
2.8
4.0
8.8
CARRIER TAPE DIMENSIONS (mm)
REEL DIMENSIONS (mm)
E
C
D
A
W
T
B
t
R:1.0
Case
Code
A±0.2 B±0.2
Dφ
E±0.1 F±0.1 P
o±0.1 P1±0.1 t±0.2
W±0.3
D5
7.7
4.6
1.5 +0.1 1.75
5.5
4.0
8.0
1.5
12.0
D2, D6
2.1
D3
3.4
D4
4.5
A±2.0
B min.
C±0.5
D±0.8
E±0.5
T±1.0
t
W±1.0
330
50
13.0
21.0
2.0
20.0
3.0
14
Case
Code
Reel
Quantity
D5, D6,
D2
3,500
D3, D4
2,000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com