Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPRTR5V0U4DG-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UPRTR5V0U4DG-AG6-R
Description  INTEGRATED QUAD ULTRA-LOW CAPACITANCE ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPRTR5V0U4DG-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UPRTR5V0U4DG-AG6-R Datasheet HTML 1Page - Unisonic Technologies UPRTR5V0U4DG-AG6-R Datasheet HTML 2Page - Unisonic Technologies UPRTR5V0U4DG-AG6-R Datasheet HTML 3Page - Unisonic Technologies UPRTR5V0U4DG-AG6-R Datasheet HTML 4Page - Unisonic Technologies UPRTR5V0U4DG-AG6-R Datasheet HTML 5Page - Unisonic Technologies UPRTR5V0U4DG-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UPRTR5V0U4D
DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R601-077.B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
0~5.5
V
ESD Voltage (HBM Contact)
IEC 61000-4-2 level 4
Contact Discharge
(Note 2, 3)
VESD
8
kV
MIL-STD-883
Human Body Model
8
kV
Ambient Temperature
TA
-55~+150
°C
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Device stressed with ten non-repetitive ESD pulses.
3. Measured from pin 1, 3, 4 or 6 to pin 2 or 5.
ELECTRICAL CHARACTERISTICS (T
A=25
°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Input/Output to Ground Capacitance
C(I/O-GND)
V(I/O-GND)=0V, VCC=3.0V, f=1MHz
(Note 1)
1.0
pF
Reverse Leakage Current
ILR
VR=3.0V (Note 1)
100
nA
Breakdown Voltage
VBR
II=1mA
6
9
V
Supply Pin to Ground Capacitance
CSUP
V(I/O-GND)=0V, VCC=3.0V,
f=1MHz (Note 2)
40
pF
Forward Voltage
VF
0.7
V
Notes: 1. Measured from pins 1, 3, 4 and 6 to pin 2.
2. Measured from pin 5 to pin 2.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com