Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPRTR5V0U4DG-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UPRTR5V0U4DG-AG6-R
Description  INTEGRATED QUAD ULTRA-LOW CAPACITANCE ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPRTR5V0U4DG-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UPRTR5V0U4DG-AG6-R Datasheet HTML 1Page - Unisonic Technologies UPRTR5V0U4DG-AG6-R Datasheet HTML 2Page - Unisonic Technologies UPRTR5V0U4DG-AG6-R Datasheet HTML 3Page - Unisonic Technologies UPRTR5V0U4DG-AG6-R Datasheet HTML 4Page - Unisonic Technologies UPRTR5V0U4DG-AG6-R Datasheet HTML 5Page - Unisonic Technologies UPRTR5V0U4DG-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UPRTR5V0U4D
DIODE
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R601-077.B
INTEGRATED QUAD
ULTRA-LOW CAPACITANCE
ESD PROTECTION
DESCRIPTION
The UTC UPRTR5V0U4D is an integrated quad ultra-low
capacitance ESD protection diode array. it uses UTC’s advanced
technology to provide customers with low leakage current, 4 ultra-low
input capacitance rail-to-rail ESD protection diodes and low clamping
voltage, etc.
The UTC UPRTR5V0U4D is suitable for DVI, Ethernet and
USB2.0, etc.
FEATURES
* Low clamping voltage
* Low leakage current (Max.=100nA)
* Four ultra-low input capacitance (typical 1pF)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UPRTR5V0U4DL-AG6-R
UPRTR5V0U4DG-AG6-R
SOT-26
Tape Reel
MARKING


Similar Part No. - UPRTR5V0U4DG-AG6-R

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
UPR TOKEN-UPR Datasheet
441Kb / 6P
Ultra Precision Resistor Networks
logo
Pepperl+Fuchs Inc.
UPR-03 PF-UPR-03 Datasheet
4Mb / 10P
Universal Power Rail
2021-04-08
UPR-03-M PF-UPR-03-M Datasheet
4Mb / 10P
Universal Power Rail
2021-04-08
UPR-03-S PF-UPR-03-S Datasheet
4Mb / 10P
Universal Power Rail
2021-04-08
UPR-COVER PF-UPR-COVER Datasheet
366Kb / 2P
Cover for DIN Mounting Rail
2021-04-08
More results

Similar Description - UPRTR5V0U4DG-AG6-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRTR5V0U4D NXP-PRTR5V0U4D Datasheet
54Kb / 7P
Integrated quad ultra-low capacitance ESD protection
Rev. 01-11 January 2008
PRTR5V0U4Y NXP-PRTR5V0U4Y Datasheet
72Kb / 10P
Integrated quad ultra-low capacitance ESD protection
Rev. 01-8 May 2008
PRTR5V0U4AD NXP-PRTR5V0U4AD Datasheet
55Kb / 7P
Integrated quad ultra-low capacitance ESD protection
Rev. 01-17 December 2007
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
Ultra Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
Ultra low capacitance ESD Protection
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
Ultra Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1605S1Q PANJIT-PE1605S1Q Datasheet
268Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
January 22,2019-REV.00
logo
Nexperia B.V. All right...
PRTR5V0U4AD NEXPERIA-PRTR5V0U4AD Datasheet
170Kb / 8P
Integrated quad ultra-low capacitance ESD protection
Rev. 01 - 17 December 2007
PRTR5V0U4Y NEXPERIA-PRTR5V0U4Y Datasheet
187Kb / 11P
Integrated quad ultra-low capacitance ESD protection
Rev. 01 - 8 May 2008
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com