Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFC1V152S Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEUFC1V152S
Description  Aluminum Electrolytic Capacitors/ FC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1V152S Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEUFC1V152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FC
– EEE-65 –
■ Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(100 kHz)
(+105 °C)
Imped-
ance
(100 kHz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽H
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
( )(hours) (mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
6.3
27
4
7
65
2.000
1000
0.45
1.5
5.0
2.5
EEAFC0J270( )
200
2000
56
5
7
120
0.950
1000
0.45
2.05.0
2.5
EEAFC0J560( )
200
2000
68
4
11
120
1.300
1000
0.45
1.55.0
2.5
EEUFC0J680( )
200
2000
100
5
11
175
0.800
1000
0.50
2.05.0
2.5
EEUFC0J101( )
200
2000
120
6.3
7
200
0.450
1000
0.45
2.55.0
2.5
EEAFC0J121( )
200
2000
150
5
15
235
0.500
1000
0.50
2.05.0
2.5
EEUFC0J151( )
200
2000
220
6.3
11.2
290
0.350
1000
0.50
2.5
5.0
2.5
EEUFC0J221( )
200
2000
270
6.3
11.2
290
0.350
1000
0.50
2.55.0
2.5
EEUFC0J271( )
200
2000
330
6.3
11.2
290
0.350
1000
0.50
2.55.0
2.5
EEUFC0J331S( )
200
2000
6.3
15
400
0.250
1000
0.50
2.55.0
2.5
EEUFC0J331( )
200
2000
390
8
11.5
555
0.1172000
0.60
3.5
5.0
EEUFC0J391( )
200
1000
470
8
11.5
555
0.117
2000
0.60
3.5
5.0
EEUFC0J471( )
200
1000
560
8
11.5
555
0.117
2000
0.60
3.5
5.0
EEUFC0J561( )
200
1000
820
8
15
730
0.085
2000
0.60
3.5
5.0
EEUFC0J821L( )
200
1000
10
12.5
755
0.090
3000
0.60
5.0
5.0
EEUFC0J821( )
200
500
1000
10
12.5
755
0.090
3000
0.60
5.0
5.0
EEUFC0J102( )
200
500
1200
8
20
995
0.065
2000
0.60
3.5
5.0
EEUFC0J122L( )
200
1000
10
16
1050
0.068
3000
0.60
5.0
5.0
EEUFC0J122( )
200
500
1500
10
20
1220
0.052
3000
0.60
5.0
5.0
EEUFC0J152( )
200
500
12.5
15
1205
0.065
5000
0.60
5.0
5.0
EEUFC0J152S( )
200
500
1800
10
25
1440
0.045
3000
0.60
5.0
5.0
EEUFC0J182( )
200
500
2200
10
25
1440
0.045
3000
0.60
5.0
5.0
EEUFC0J222( )
200
500
16
15
1690
0.043
5000
0.80
7.5
7.5
EEUFC0J222S( )
100
250
2700
10
30
1815
0.035
3000
0.60
5.0
EEUFC0J272L
100
12.5
20
1655
0.038
5000
0.60
5.0
5.0
EEUFC0J272( )
200
500
16
15
1690
0.043
5000
0.80
7.5
7.5
EEUFC0J272S( )
100
250
3300
12.5
20
1655
0.038
5000
0.60
5.0
5.0
EEUFC0J332( )
200
500
18
15
2000
0.038
5000
0.80
7.5
7.5
EEUFC0J332S( )
100
250
3900
12.5
25
1945
0.030
5000
0.60
5.0
5.0
EEUFC0J392( )
200
500
4700
12.5
30
2310
0.025
5000
0.80
5.0
EEUFC0J472
100
16
20
2205
0.029
5000
0.80
7.5
7.5
EEUFC0J472S( )
100
250
5600
12.5
35
2510
0.022
5000
0.80
5.0
EEUFC0J562L
100
16
20
2205
0.029
5000
0.80
7.5
7.5
EEUFC0J562( )
100
250
6800
12.5
40
2655
0.018
5000
0.80
5.0
EEUFC0J682L
100
16
25
2555
0.022
5000
0.80
7.5
7.5
EEUFC0J682( )
100
250
18
20
2490
0.028
5000
0.80
7.5
7.5
EEUFC0J682S( )
100
250
8200
16
31.5
3010
0.018
5000
0.80
7.5
EEUFC0J822
100
10000
16
35.5
3150
0.016
5000
0.80
7.5
EEUFC0J103
100
18
25
2740
0.020
5000
0.80
7.5
7.5
EEUFC0J103S( )
100
250
12000
16
40
3360
0.015
5000
0.80
7.5
EEUFC0J123L
100
18
31.5
3635
0.016
5000
0.80
7.5
EEUFC0J123
50
15000
18
35.5
3680
0.015
5000
0.80
7.5
EEUFC0J153
50
· When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5 mm, 7.5 mm, H=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
Endurance : 105 °C
φ4 to φ6.3=1000 h, φ8=2000 h, φ10=3000 h, φ12.5 to φ18=5000 h
00 Nov. 2012



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com