Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFC1V152S Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # EEUFC1V152S
Description  Aluminum Electrolytic Capacitors/ FC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1V152S Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button EEUFC1V152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 9Page - Panasonic Semiconductor EEUFC1V152S Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FC
– EEE-72 –
■ Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(100 kHz)
(+105 °C)
Imped-
ance
(100 kHz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽H
(V)
(μF)
(mm)
(mm) (mA r.m.s.)
(
Ω) (hours) (mm) (mm) (mm) (mm)
(pcs)
(pcs)
100
5.6
5
11
80
4.10
1000
0.5
2.0
5.0
2.5
EEUFC2A5R6( )
200
2000
8.2
5
15
90
2.80
1000
0.5
2.0
5.0
2.5
EEUFC2A8R2( )
200
2000
12
6.3
11.2
114
1.80
1000
0.5
2.5
5.0
2.5
EEUFC2A120( )
200
2000
18
6.3
15
155
1.10
1000
0.5
2.5
5.0
2.5
EEUFC2A180( )
200
2000
22
8
11.5
260
0.680
2000
0.6
3.5
5.0
EEUFC2A220( )
200
1000
33
8
15
340
0.450
2000
0.6
3.5
5.0
EEUFC2A330L( )
200
1000
10
12.5
306
0.530 3000
0.6
5.0
5.0
EEUFC2A330( )
200
500
39
8
20
455
0.330
2000
0.6
5.0
5.0
EEUFC2A390L( )
200
1000
10
16
400
0.360 3000
0.6
5.0
5.0
EEUFC2A390( )
200
500
56
10
20
463
0.240
3000
0.6
5.0
5.0
EEUFC2A560( )
200
500
68
10
25
599
0.210
3000
0.6
5.0
5.0
EEUFC2A680L( )
200
500
12.5
15
511
0.230
5000
0.6
5.0
5.0
EEUFC2A680( )
200
500
100
10
30
698
0.150
3000
0.6
5.0
EEUFC2A101L
100
12.5
20
671
0.180
5000
0.6
5.0
5.0
EEUFC2A101( )
200
500
120
16
15
793
0.140
5000
0.8
7.5
7.5
EEUFC2A121S( )
100
250
150
12.5
25
807
0.110
5000
0.6
5.0
5.0
EEUFC2A151( )
200
500
18
15
917
0.120
5000
0.8
7.5
7.5
EEUFC2A151S( )
100
250
180
12.5
30
937
0.098
5000
0.8
5.0
EEUFC2A181L
100
16
20
995
0.110
5000
0.8
7.5
7.5
EEUFC2A181( )
100
250
220
12.5
35
1040
0.087
5000
0.8
5.0
EEUFC2A221L
100
16
25
1170
0.089
5000
0.8
7.5
7.5
EEUFC2A221( )
100
250
270
12.5
40
1130
0.072
5000
0.8
5.0
EEUFC2A271L
100
18
20
1230
0.080
5000
0.8
7.5
7.5
EEUFC2A271S( )
100
250
330
16
31.5
1520
0.062
5000
0.8
7.5
EEUFC2A331
100
18
25
1420
0.070
5000
0.8
7.5
7.5
EEUFC2A331S( )
100
250
390
16
35.5
1730
0.053
5000
0.8
7.5
EEUFC2A391L
100
18
31.5
1600
0.062
5000
0.8
7.5
EEUFC2A391
50
470
16
40
1920
0.047
5000
0.8
7.5
EEUFC2A471
100
560
18
35.5
1770
0.041
5000
0.8
7.5
EEUFC2A561
50
680
18
40
2300
0.036
5000
0.8
7.5
EEUFC2A681
50
· When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch
✽B=5 mm, 7.5 mm, H=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
Endurance : 105 °C
04 to 06.3=1000 h, 08=2000 h, 010=3000 h, 012.5 to 018=5000 h
01 Oct. 2013



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com