Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1021 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1021
Description  Programmable 8-Bit Silicon Delay Line
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1021 Datasheet(HTML) 6 Page - Dallas Semiconductor

  DS1021 Datasheet HTML 1Page - Dallas Semiconductor DS1021 Datasheet HTML 2Page - Dallas Semiconductor DS1021 Datasheet HTML 3Page - Dallas Semiconductor DS1021 Datasheet HTML 4Page - Dallas Semiconductor DS1021 Datasheet HTML 5Page - Dallas Semiconductor DS1021 Datasheet HTML 6Page - Dallas Semiconductor DS1021 Datasheet HTML 7Page - Dallas Semiconductor DS1021 Datasheet HTML 8Page - Dallas Semiconductor DS1021 Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DS1021
6 of 9
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-1.0V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
Short Circuit Output Current
50 mA for 1 second
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(0°C to 70°C; VCC = 5.0V ± 5%)
PARAMETER
SYM
TEST
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.75
5.00
5.25
V
1
High Level Input
Voltage
VIH
2.2
VCC + 0.5
V
1
Low Level Input
Voltage
VIL
-0.5
0.8
V
1
Input Leakage
Current
I1
0.0V
≤ VI ≤ VCC
-1.0
1.0
µA
Active Current
ICC
VCC=MAX;
Period=1 µs
30.0
mA
3
High Level Output
Current
IOH
VCC=MIN.
VOH=2.7V
-1.0
mA
Low Level Output
Current
IOL
VCC=MIN.
VOL=0.5V
8mA
4
AC ELECTRICAL CHARACTERISTICS
(0°C to 70°C; VCC = 5V ± 5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Clock Frequency
fC
10
MHz
Enable Width
tEW
50
ns
Fig. 7, 8
Clock Width
tCW
50
ns
Fig. 8
Data Setup to Clock
tDSC
30
ns
Fig. 8
Data Hold from Clock
tDHC
10
ns
Fig. 8
Data Setup to Enable
tDSE
30
ns
Fig. 7
Data Hold from Enable
tDHE
20
ns
Fig. 7
Enable to Serial
Output Valid
tEQV
50
ns
Fig. 8
Enable to Serial
Output High Z
tEQZ
0
50
ns
Fig. 8
Clock to Serial
Output Valid
tCQV
50
ns
Fig. 8
Clock to Serial
Output Invalid
tCQX
10
ns
Fig. 8
Enable Setup to Clock
tES
50
ns
Fig. 8
Enable Hold from Clock
tEH
50
ns
Fig. 8
Parallel Input Valid
to Delay Valid
tPDV
50
µs
Fig. 6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com