Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1021 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1021
Description  Programmable 8-Bit Silicon Delay Line
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1021 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1021 Datasheet HTML 1Page - Dallas Semiconductor DS1021 Datasheet HTML 2Page - Dallas Semiconductor DS1021 Datasheet HTML 3Page - Dallas Semiconductor DS1021 Datasheet HTML 4Page - Dallas Semiconductor DS1021 Datasheet HTML 5Page - Dallas Semiconductor DS1021 Datasheet HTML 6Page - Dallas Semiconductor DS1021 Datasheet HTML 7Page - Dallas Semiconductor DS1021 Datasheet HTML 8Page - Dallas Semiconductor DS1021 Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
111799
FEATURES
All-silicon time delay
Models with 0.25 ns and 0.5 ns steps
Programmable using 3-wire serial port or 8-
bit parallel port
Leading and trailing edge accuracy
Economical
Auto-insertable, low profile, 16-pin SOIC
package
Low-power CMOS
TTL/CMOS-compatible
Vapor phase, IR and wave solderable
PIN ASSIGNMENT
PIN DESCRIPTION
IN
- Delay Input
P0-P7
- Parallel Program Pins
GND
- Ground
OUT
- Delay Output
VCC
- +5 Volts
S
- Mode Select
E- Enable
C
- Serial Port Clock
Q
- Serial Data Output
D
- Serial Data Input
DESCRIPTION
The DS1021 Programmable 8-Bit Silicon Delay Line consists of an 8-bit, user-programmable CMOS
silicon integrated circuit. Delay values, programmed using either the 3-wire serial port or the 8-bit
parallel port, can be varied over 256 equal steps. The faster model (-25) offers a maximum delay of 73.75
ns with an incremental delay of 0.25 ns, while the slower model (-50) has a maximum delay of 137.5 ns
with an incremental delay of 0.5 ns. Both models have an inherent (step zero) delay of 10 ns. After the
user-determined delay, the input logic state is reproduced at the output without inversion. The DS1021 is
TTL- and CMOS-compatible, capable of driving 10 74LS-type loads, and features both rising and falling
edge accuracy.
The all-CMOS DS1021 integrated circuit has been designed as a reliable, economic alternative to hybrid
programmable delay lines. It is offered in a space-saving surface mount 16-pin SOIC.
DS1021
Programmable 8-Bit
Silicon Delay Line
www.dalsemi.com
DS1021S 16-Pin SOIC (300-mil)
See Mech. Drawings Section
IN
E
Q/PO
P1
P3
P2
GND
OUT
P6
P5
D
C
P7
VCC
1
2
3
4
5
6
7
16
15
14
13
12
8
9
10
11
P4
S


Similar Part No. - DS1021

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS102 LUMILEDS-DS102 Datasheet
2Mb / 28P
Plug and play matrix platform solutio with precise flux, Vf and color
logo
Bridgelux, Inc.
DS102 BRIDGELUX-DS102 Datasheet
1Mb / 30P
Gen 7 V18 Array Series
11/2022
logo
Dallas Semiconductor
DS1020 DALLAS-DS1020 Datasheet
191Kb / 9P
Programmable 8-Bit Silicon Delay Line
DS1020-100 DALLAS-DS1020-100 Datasheet
191Kb / 9P
Programmable 8-Bit Silicon Delay Line
logo
Maxim Integrated Produc...
DS1020-100 MAXIM-DS1020-100 Datasheet
196Kb / 9P
Programmable 8-Bit Silicon Delay Line
111799
More results

Similar Description - DS1021

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1020 DALLAS-DS1020 Datasheet
191Kb / 9P
Programmable 8-Bit Silicon Delay Line
logo
Data Delay Devices, Inc...
3D7428 DATADELAY-3D7428 Datasheet
513Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
List of Unclassifed Man...
3D3428 ETC-3D3428 Datasheet
509Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
Data Delay Devices, Inc...
3D7408 DATADELAY-3D7408 Datasheet
65Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428_06 Datasheet
471Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
Maxim Integrated Produc...
DS1020S-15 MAXIM-DS1020S-15 Datasheet
196Kb / 9P
Programmable 8-Bit Silicon Delay Line
111799
logo
Data Delay Devices, Inc...
3D7438 DATADELAY-3D7438 Datasheet
101Kb / 6P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D3438 DATADELAY-3D3438 Datasheet
101Kb / 6P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D3428 DATADELAY-3D3428 Datasheet
516Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com