Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU941ZP3 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # BU941ZP3
Description  NPN Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BU941ZP3 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  BU941ZP3 Datasheet HTML 1Page - Cystech Electonics Corp. BU941ZP3 Datasheet HTML 2Page - Cystech Electonics Corp. BU941ZP3 Datasheet HTML 3Page - Cystech Electonics Corp. BU941ZP3 Datasheet HTML 4Page - Cystech Electonics Corp. BU941ZP3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C660P3
Issued Date : 2008.07.22
Revised Date :2011.01.04
Page No. : 5/5
BU941ZP3
CYStek Product Specification
TO-247 Dimension
*: Typical
Inches
Marking:
BU941Z
Style: Pin 1.Base 2.Collector 3.Emitter
4.Collector
3-Lead TO-247 Plastic Package
CYStek Package Code: P3
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.191
0.200
4.850
5.150
E2
0.142 REF
3.600 REF
A1
0.087
0.102
2.200
2.600
L
1.610
1.626
40.900
41.300
b
0.039
0.055
1.000
1.400
L1
0.976
0.988
24.800
25.100
b1
0.110
0.126
2.800
3.200
L2
0.799
0.811
20.300
20.600
b2
0.071
0.087
1.800
2.200
Φ
0.280
0.287
7.100
7.300
c
0.020
0.028
0.500
0.700
e
0.215 REF
5.450 REF
c1
0.075
0.083
1.900
2.100
H
0.235 REF
5.980 REF
D
0.608
0.620
15.450
15.750
h
0.000
0.012
0.000
0.300
E1
0.138 REF
3.500 REF
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com