Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU941ZP3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BU941ZP3
Description  NPN Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BU941ZP3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BU941ZP3 Datasheet HTML 1Page - Cystech Electonics Corp. BU941ZP3 Datasheet HTML 2Page - Cystech Electonics Corp. BU941ZP3 Datasheet HTML 3Page - Cystech Electonics Corp. BU941ZP3 Datasheet HTML 4Page - Cystech Electonics Corp. BU941ZP3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C660P3
Issued Date : 2008.07.22
Revised Date :2011.01.04
Page No. : 2/5
BU941ZP3
CYStek Product Specification
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
350
V
Collector-Emitter Voltage
VCEO
350
V
Emitter-Base Voltage
VEBO
5
V
IC(DC)
15
Collector Current
IC(Pulse)
30
*1
A
IB(DC)
1
Base Current
IB(Pulse)
5
*1
A
Power Dissipation
Pd(TC=25℃)
155
W
Thermal Resistance, Junction to Case
RθJC
0.97
°C/W
Junction Temperature
Tj
175
°C
Storage Temperature
Tstg
-65~+175
°C
Note : *1. Single Pulse tp<5ms
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
350
-
-
V
IC=1mA, IE=0
BVCEO
350
-
-
V
IC=100mA, IB=0
ICEO
-
-
100
μA
VCE=300V, IE=0
ICBO
-
-
100
μA
VCB=300V, IE=0
IEBO
-
-
20
mA
VEB=5V, IC=0
*VCE(sat) 1
-
-
1.8
V
IC=8A, IB=100mA
*VCE(sat) 2
-
-
1.8
V
IC=10A, IB=250mA
*VCE(sat) 3
-
-
2
V
IC=12A, IB=300mA
*VBE(sat) 1
-
-
2.2
V
IC=8A, IB=100mA
*VBE(sat) 2
-
-
2.5
V
IC=10A, IB=250mA
*VBE(sat) 3
-
-
2.7
V
IC=12A, IB=300mA
*VFEC
-
-
2.5
V
IC=10A
*hFE 1
300
-
-
-
VCE=10V, IC=5A
*hFE 2
100
-
-
-
VCE=10V, IC=8A
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
Ordering Information
Device
Package
Shipping
Marking
BU941ZP3
TO-247
(Pb-free lead plating package)
30 pcs / tube, 10 tubes/ box ,
10 boxes/carton
BU941Z



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com