Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1232LP Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1232LP
Description  Low Power MicroMonitor Chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1232LP Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1232LP Datasheet HTML 1Page - Dallas Semiconductor DS1232LP Datasheet HTML 2Page - Dallas Semiconductor DS1232LP Datasheet HTML 3Page - Dallas Semiconductor DS1232LP Datasheet HTML 4Page - Dallas Semiconductor DS1232LP Datasheet HTML 5Page - Dallas Semiconductor DS1232LP Datasheet HTML 6Page - Dallas Semiconductor DS1232LP Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DS1232LP/LPS
062698 2/7
the strobe input is not driven low prior to time–out. The
watchdog timer function can be set to operate on time-
out settings of approximately 150 ms, 600 ms, and 1.2
seconds.
OPERATION – POWER MONITOR
The DS1232LP/LPS detects out–of–tolerance power
supply conditions and warns a processor–based sys-
tem of impending power failure. When VCC falls below a
preset level as defined by TOL, the VCC comparator out-
puts the signals RST and RST. When TOL is connected
to ground, the RST and RST signals become active as
VCC falls below 4.75 volts. When TOL is connected to
VCC, the RST and RST signals become active as VCC
falls below 4.5 volts. The RST and RST are excellent
control signals for a microprocessor, as processing is
stopped at the last possible moments of valid VCC. On
power–up, RST and RST are kept active for a minimum
of 250 ms to allow the power supply and processor to
stabilize.
OPERATION – PUSHBUTTON RESET
The DS1232LP/LPS provides an input pin for direct con-
nection to a pushbutton (Figure 1). The pushbutton re-
set input requires an active low signal. Internally, this in-
put is debounced and timed such that RST and RST
signals of at least 250 ms minimum are generated. The
250 ms delay starts as the pushbutton reset input is re-
leased from low level.
OPERATION – WATCHDOG TIMER
The watchdog timer function forces RST and RST sig-
nals to the active state when the ST input is not stimu-
lated for a predetermined time period. The time period is
set by the TD input to be typically 150 ms with TD con-
nected to ground, 600 ms with TD left unconnected, and
1.2 seconds with TD connected to VCC. The watchdog
timer starts timing out from the set time period as soon
as RST and RST are inactive. If a high–to–low transition
occurs on the ST input pin prior to time–out, the watch-
dog timer is reset and begins to time–out again. If the
watchdog timer is allowed to time-out, then the RST and
RST signals are driven to the active state for 250 ms
minimum. The ST input can be derived from micropro-
cessor address signals, data signals, and/or control sig-
nals. When the microprocessor is functioning normally,
these signals would, as a matter of routine, cause the
watchdog to be reset prior to time–out. To guarantee
that the watchdog timer does not time–out, a high–to–
low transition must occur at or less than the minimum
shown in Table 1. A typical circuit example is shown in
Figure 2.
MICROMONITOR BLOCK DIAGRAM
TOL
T.C. REFERENCE
+
LEVEL SENSE
VOLTAGE
DIGITAL
DIGITAL
RST
TD
TIME–OUT
RST
ST
PBRST
VCC
VCC
TOLERANCE
BIAS
AND
DEBOUNCE
SENSE
COMPARATOR
DELAY
SAMPLER



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com