Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1232LP Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1232LP
Description  Low Power MicroMonitor Chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1232LP Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1232LP Datasheet HTML 1Page - Dallas Semiconductor DS1232LP Datasheet HTML 2Page - Dallas Semiconductor DS1232LP Datasheet HTML 3Page - Dallas Semiconductor DS1232LP Datasheet HTML 4Page - Dallas Semiconductor DS1232LP Datasheet HTML 5Page - Dallas Semiconductor DS1232LP Datasheet HTML 6Page - Dallas Semiconductor DS1232LP Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DS1232LP/LPS
Low Power MicroMonitor Chip
DS1232LP/LPS
062698 1/7
FEATURES
• Super low-power version of DS1232
• 50 mA quiescent current
• Halts and restarts an out–of–control microprocessor
• Automatically restarts microprocessor after power
failure
• Monitors pushbutton for external override
• Accurate 5% or 10% microprocessor power supply
monitoring
• 8–pin DIP, 8–pin SOIC or space saving µ–SOP pack-
age available
• Optional 16–pin SOIC package available
• Industrialtemperature–40°Cto+85°Cavailable,des-
ignated N
PIN ASSIGNMENT
1
2
3
4
8
7
6
5
VCC
ST
RST
RST
PBRST
TD
TOL
GND
DS1232LP 8–Pin DIP
(300 Mil)
See Mech. Drawings
Section
DS1232LPS 16–Pin SOIC
(300 Mil)
See Mech. Drawings
Section
1
2
3
4
5
6
7
8
TD
TOL
GND
PBRST
VCC
ST
RST
RST
DS1232LPS–2 8–Pin
SOIC
(150 Mil)
See Mech. Drawings
Section
NC
PBRST
NC
TD
NC
TOL
NC
GND
NC
VCC
NC
ST
NC
RST
NC
RST
1
11
12
13
14
2
3
4
5
6
7
8
9
10
15
16
DS1232LP
µ
(118 MIL
µ–SOP)
See Mech. Drawings
Section
VCC
ST
RST
RST
8
7
6
5
1
2
3
4
PBRST
TD
TOL
GND
PIN DESCRIPTION
PBRST
– Pushbutton Reset Input
TD
– Time Delay Set
TOL
– Selects 5% or 10% VCC Detect
GND
– Ground
RST
– Reset Output (Active High)
RST
– Reset Output (Active Low, open drain)
ST
– Strobe Input
VCC
– +5 Volt Power
DESCRIPTION
The DS1232LP/LPS Low Power MicroMonitor Chip
monitors three vital conditions for a microprocessor:
power supply, software execution, and external over-
ride. First, a precision temperature–compensated refer-
ence and comparator circuit monitors the status of VCC.
When an out–of–tolerance condition occurs, an internal
power fail signal is generated which forces reset to the
active state. When VCC returns to an in-tolerance condi-
tion, the reset signals are kept in the active state for a
minimum of 250 ms to allow the power supply and pro-
cessor to stabilize.
The second function the DS1232LP/LPS performs is
pushbutton reset control. The DS1232LP/LPS de-
bounces the pushbutton input and guarantees an active
reset pulse width of 250 ms minimum. The third function
is a watchdog timer. The DS1232LP/LPS has an inter-
nal timer that forces the reset signals to the active state if


Similar Part No. - DS1232LP

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1232LP DALLAS-DS1232LP Datasheet
104Kb / 7P
Low Power MicroMonitor Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1232LP ARTSCHIP-DS1232LP Datasheet
137Kb / 7P
Low Power MicroMonitor Chip
logo
Maxim Integrated Produc...
DS1232LP MAXIM-DS1232LP Datasheet
104Kb / 7P
Low Power MicroMonitor Chip
111899
logo
SYC Electronica
DS1232LP SYC-DS1232LP Datasheet
131Kb / 7P
Low Power MicroMonitor Chip
logo
Dallas Semiconductor
DS1232LPS DALLAS-DS1232LPS Datasheet
104Kb / 7P
Low Power MicroMonitor Chip
More results

Similar Description - DS1232LP

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1232 DALLAS-DS1232 Datasheet
96Kb / 7P
MicroMonitor Chip
logo
Integral Corp.
IN1232 INTEGRAL-IN1232 Datasheet
122Kb / 6P
MICROMONITOR CHIP
logo
Maxim Integrated Produc...
DS1831A MAXIM-DS1831A Datasheet
200Kb / 14P
Multisupply Micromonitor
060303
DS1705 MAXIM-DS1705 Datasheet
269Kb / 12P
3.3V and 5.0V MicroMonitor
Rev 4/10
DS1832S MAXIM-DS1832S Datasheet
116Kb / 7P
3.3-Volt MicroMonitor Chip
112099
logo
Dallas Semiconductor
DS1232LPU DALLAS-DS1232LPU Datasheet
104Kb / 7P
Low Power MicroMonitor Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1232LP ARTSCHIP-DS1232LP Datasheet
137Kb / 7P
Low Power MicroMonitor Chip
logo
Maxim Integrated Produc...
DS1832 MAXIM-DS1832 Datasheet
116Kb / 7P
3.3-Volt MicroMonitor Chip
112099
DS1232LP MAXIM-DS1232LP Datasheet
104Kb / 7P
Low Power MicroMonitor Chip
111899
DS1232 MAXIM-DS1232 Datasheet
138Kb / 7P
MicroMonitor Chip
111899
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com