Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-1438-TWT-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # AT-1438-TWT-R
Description  RELEASED FROM ENGINEERING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

AT-1438-TWT-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  AT-1438-TWT-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transducer (Piezo)
AT-1438-TWT-R
R.A.C.
R.W.
4/16/2008
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
8/17/2004
Date
Date
8/17/2004
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AT-1438-TWT-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
8/17/2004
A
REMOVED LEAD FREE ADDE RoHS NOTE
8/10/2005
B
REVISED TERMINAL MATERIAL
1/24/2006
B.R.
C
REVISED HOUSING MATERIAL
11/13/2006
B.R.
D
ADDED LABEL & POLARITY MARKING
11/22/2006
B.R.
E
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
4/16/2008
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE
5
Vp-p
OPERATING VOLTAGE RANGE
1 ~ 20
Vp-p
RATED CURRENT (MAX)
1mA
CAPACITANCE
13,000 ± 30%
pF
MINIMUM SPL @ 10 CM
80
dBA
RESONANT FREQUENCY
3,800 ± 500
Hz
OPERATING TEMPERATURE
-30 ~ +80
°C
STORAGE TEMPERATURE
-30 ~ +80
°C
HOUSING MATERIAL
NORYL
-
TERMINAL MATERIAL
Sn PLATED
RED COPPER
-
WEIGHT
1
grams
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
n13.8
n2 SOUND
EMISSION HOLE
4.5
6.8
n0.7 (2)
7.6
REMOVABLE
WASH TAB
POTTING
D


Similar Part No. - AT-1438-TWT-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AT-1438-TWT-R PUIAUDIO-AT-1438-TWT-R Datasheet
974Kb / 3P
14mm diameter transducer with 1 mA current draw
More results

Similar Description - AT-1438-TWT-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT-2428-TWT-R ETC2-AT-2428-TWT-R Datasheet
202Kb / 1P
RELEASED FROM ENGINEERING
logo
Projects Unlimited, Inc...
AI-1223-TWT-5V-2-R PUI-AI-1223-TWT-5V-2-R Datasheet
183Kb / 1P
RELEASED FROM ENGINEERING
AI-1223-TWT-12V-R PUI-AI-1223-TWT-12V-R Datasheet
256Kb / 1P
RELEASED FROM ENGINEERING
AI-2304-TF-LW120-R PUI-AI-2304-TF-LW120-R Datasheet
184Kb / 1P
RELEASED FROM ENGINEERING
AB2720B-LW100-R PUI-AB2720B-LW100-R Datasheet
204Kb / 1P
RELEASED FROM ENGINEERING
AB2734B-LW100-R PUI-AB2734B-LW100-R Datasheet
182Kb / 1P
RELEASED FROM ENGINEERING
AOM-4546P-NF-R PUI-AOM-4546P-NF-R Datasheet
1Mb / 1P
RELEASED FROM ENGINEERING
ASE02808MR-LW150-R PUI-ASE02808MR-LW150-R Datasheet
270Kb / 1P
RELEASED FROM ENGINEERING
AT-1820-TWT-6V-R PUI-AT-1820-TWT-6V-R Datasheet
187Kb / 1P
RELEASED FROM ENGINEERING
SMI-1324-TW-5V-R PUI-SMI-1324-TW-5V-R Datasheet
153Kb / 1P
RELEASED FROM ENGINEERING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com