Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1287 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1287
Description  Real Time Clock
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1287 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1287 Datasheet HTML 9Page - Dallas Semiconductor DS1287 Datasheet HTML 10Page - Dallas Semiconductor DS1287 Datasheet HTML 11Page - Dallas Semiconductor DS1287 Datasheet HTML 12Page - Dallas Semiconductor DS1287 Datasheet HTML 13Page - Dallas Semiconductor DS1287 Datasheet HTML 14Page - Dallas Semiconductor DS1287 Datasheet HTML 15Page - Dallas Semiconductor DS1287 Datasheet HTML 16Page - Dallas Semiconductor DS1287 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DS12887
13 of 19
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
–0.3V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
–40
°C to +70°C
Soldering Temperature
260
°C for 10 seconds (See Note 7)
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Power Supply Voltage
VCC
4.5
5.0
5.5
V
1
Input Logic 1
VIH
2.2
VCC+0.3
V
1
Input Logic 0
VIL
–0.3
0.8
V
1
DC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; V
CC = 4.5 to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Power Supply Current
ICC1
7
15
mA
2
Input Leakage
IIL
–1.0
+1.0
µA
3
I/O Leakage
ILO
–1.0
+1.0
µA
4
Input Current
IMOT
–1.0
+500
µA
3
Output @ 2.4V
IOH
–1.0
mA
1, 5
Output @ 0.4V
IOL
4.0
mA
1
Write Protect Voltage
VTP
4.0
4.25
4.5
V
CAPACITANCE
(tA = 25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
pF
Output Capacitance
COUT
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com