Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1287 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1287
Description  Real Time Clock
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1287 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1287 Datasheet HTML 1Page - Dallas Semiconductor DS1287 Datasheet HTML 2Page - Dallas Semiconductor DS1287 Datasheet HTML 3Page - Dallas Semiconductor DS1287 Datasheet HTML 4Page - Dallas Semiconductor DS1287 Datasheet HTML 5Page - Dallas Semiconductor DS1287 Datasheet HTML 6Page - Dallas Semiconductor DS1287 Datasheet HTML 7Page - Dallas Semiconductor DS1287 Datasheet HTML 8Page - Dallas Semiconductor DS1287 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DS12887
2 of 19
generator, and 114 bytes of nonvolatile static RAM. The real time clock is distinctive in that time–of–day
and memory are maintained even in the absence of power.
OPERATION
The block diagram in Figure 1 shows the pin connections with the major internal functions of the
DS12887. The following paragraphs describe the function of each pin.
BLOCK DIAGRAM DS12887 Figure 1
POWER–DOWN/POWER–UP CONSIDERATIONS
The Real Time Clock function will continue to operate and all of the RAM, time, calendar, and alarm
memory locations remain nonvolatile regardless of the level of the VCC input. When VCC is applied to the
DS12887 and reaches a level of greater than 4.25 volts, the device becomes accessible after 200 ms,
provided that the oscillator is running and the oscillator countdown chain is not in reset (see Register A).
This time period allows the system to stabilize after power is applied. When VCC falls below 4.25 volts,
the chip select input is internally forced to an inactive level regardless of the value of CS at the input pin.
The DS12887 is, therefore, write–protected. When the DS12887 is in a write–protected state, all inputs
are ignored and all outputs are in a high impedance state. When VCC falls below a level of approximately
3 volts, the external VCC supply is switched off and an internal lithium energy source supplies power to
the Real Time Clock and the RAM memory.
SIGNAL DESCRIPTIONS
GND, VCC – DC power is provided to the device on these pins. VCC is the +5 volt input. When 5 volts are
applied within normal limits, the device is fully accessible and data can be written and read. When VCC is
below 4.25 volts typical, reads and writes are inhibited. However, the timekeeping function continues



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com